Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8988LGECN/V Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8988LGECN/V
Description  Stereo CODEC for Portable Audio Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8988LGECN/V Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8988LGECN/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8988LGECN/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8988LGECN/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8988LGECN/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8988LGECN/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8988LGECN/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8988LGECN/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8988LGECN/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8988LGECN/V Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Production Data
WM8988
w
PD, Rev 4.0, October 2008
21
DIGITAL ADC VOLUME CONTROL
The output of the ADCs can be digitally amplified or attenuated over a range from –97dB to +30dB in
0.5dB steps. The volume of each channel can be controlled separately. The gain for a given eight-bit
code X is given by:
0.5
× (X-195) dB for 1 ≤ X ≤ 255;
MUTE for X = 0
The LAVU and RAVU control bits control the loading of digital volume control data. When LAVU or
RAVU are set to 0, the LADCVOL or RADCVOL control data will be loaded into the respective control
register, but will not actually change the digital gain setting. Both left and right gain settings are
updated when either LAVU or RAVU are set to 1. This makes it possible to update the gain of both
channels simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
LADCVOL
[7:0]
11000011
( 0dB )
Left ADC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -97dB
0000 0010 = -96.5dB
... 0.5dB steps up to
1111 1111 = +30dB
R21 (15h)
Left ADC
Digital Volume
8
LAVU
0
Left ADC Volume Update
0 = Store LADCVOL in intermediate
latch (no gain change)
1 = Update left and right channel
gains (left = LADCVOL, right =
intermediate latch)
7:0
RADCVOL
[7:0]
11000011
( 0dB )
Right ADC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -97dB
0000 0010 = -96.5dB
... 0.5dB steps up to
1111 1111 = +30dB
R22 (16h)
Right ADC
Digital Volume
8
RAVU
0
Right ADC Volume Update
0 = Store RADCVOL in intermediate
latch (no gain change)
1 = Update left and right channel
gains (left = intermediate latch, right
= RADCVOL)
Table 12 ADC Digital Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com