Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9082ECSN/R Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM9082ECSN/R
Description  PDM Input Mono 3W Class D Speaker Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9082ECSN/R Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM9082ECSN/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
WM9082
Production Data
w
PD, August 2012, Rev 4.1
6
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Consumption
Quiescent current
(WM9082 in the ‘ON’
state; CLK enabled;
DATA input is idle
channel data.)
IDVDD
0.6
mA
ISPKVDD
RL = 4
8
mA
RL = 8
8
Standby current
(WM9082 in the
‘STANDBY’ state; CLK
enabled; DATA input is
repeated Control Code.)
IDVDD
250
µA
ISPKVDD
200
µA
Shutdown current
(WM9082 in the OFF
state; CLK and DATA
inputs disabled.)
IDVDD
0.6
µA
ISPKVDD
0.05
µA
Note 1: Guaranteed by design; not production-tested.
TERMINOLOGY
1.
Signal-to-Noise Ratio (dB) – SNR is the difference in level between a full scale output signal and the device output
noise with no signal applied, measured over a bandwidth of 20Hz to 20kHz. (No Auto-zero or Mute function is
employed).
2.
Total Harmonic Distortion (dB) – THD is the difference in level between a 1kHz reference sine wave output signal and
the sum of the harmonics of the output signal. The amplitude of the fundamental frequency of the output signal is
compared to the RMS value of the sum of the harmonics and expressed as a ratio.
3.
Total Harmonic Distortion plus Noise (dB) – THD+N is the difference in level between a 1kHz reference sine wave
output signal and all noise and distortion products in the audio band. The amplitude of the fundamental reference
frequency of the output signal is compared to the RMS value of all other noise and distortion products and expressed
as a ratio.
4.
Power Supply Rejection Ratio (dB) – PSRR is a measure of ripple attenuation between a power supply rail and a
signal output path. With the signal path idle, a small sine wave ripple is applied to power supply rail. The amplitude of
the supply ripple is compared to the amplitude of the output signal generated and is expressed as a ratio.
5.
All performance measurements are carried out with 20kHz AES17 low pass filter for distortion measurements, and an
A-weighted filter for noise measurement. Failure to use such a filter will result in higher THD and lower SNR and
Dynamic Range readings than are found in the Electrical Characteristics. The low pass filter removes out-of-band
noise; although it is not audible, it may affect dynamic specification values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com