Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9093 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM9093
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM9093 Datasheet HTML 24Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 25Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 26Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 27Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 28Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 29Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 30Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 31Page - Wolfson Microelectronics plc WM9093 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
28
PGA GAIN SETTING
VOLUME (dB)
PGA GAIN SETTING
VOLUME (dB)
0h
-57
20h
-25
1h
-56
21h
-24
2h
-55
22h
-23
3h
-54
23h
-22
4h
-53
24h
-21
5h
-52
25h
-20
6h
-51
26h
-19
7h
-50
27h
-18
8h
-49
28h
-17
9h
-48
29h
-16
Ah
-47
2Ah
-15
Bh
-46
2Bh
-14
Ch
-45
2Ch
-13
Dh
-44
2Dh
-12
Eh
-43
2Eh
-11
Fh
-42
2Fh
-10
10h
-41
30h
-9
11h
-40
31h
-8
12h
-39
32h
-7
13h
-38
33h
-6
14h
-37
34h
-5
15h
-36
35h
-4
16h
-35
36h
-3
17h
-34
37h
-2
18h
-33
38h
-1
19h
-32
39h
0
1Ah
-31
3Ah
+1
1Bh
-30
3Bh
+2
1Ch
-29
3Ch
+3
1Dh
-28
3Dh
+4
1Eh
-27
3Eh
+5
1Fh
-26
3Fh
+6
Table 11 Output PGA Volume Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com