Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9712CLGEFL/RV Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/RV
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/RV Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
Production Data
WM9712L
w
PD, Rev 4.6, November 2011
23
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
62h
ALC / Noise
Gate Control
15:14
ALCSEL
00
(OFF)
ALC function select
00 = ALC off (PGA gain set by register)
01 = Right channel only
10 = Left channel only
11 = Stereo (PGA registers unused)
Note: Ensure that RECVOLL and RECVOLR
settings (reg. 1Ch) are the same before
entering this mode
13:11
MAXGAIN
111
(+30dB)
PGA gain limit for ALC
111 = +30dB
110 = +24dB
….(6dB steps)
001 = -6dB
000 = -12dB
8
ALCZC
0
ALC Zero Cross enable (overrides ZC bit in
register 1Ch)
0: PGA Gain changes immediately
1: PGA Gain changes when signal is zero or
after time-out
9:10
ZC
TIMEOUT
11
Programmable zero cross timeout
11 2
17 x MCLK period
10 2
16 x MCLK period
01 2
15 x MCLK period
00 2
14 x MCLK period
60h
ALC Control
15:12
ALCL
1011
(-12dB)
ALC target – sets signal level at ADC input
0000 = -28.5dB FS
0001 = -27.0dB FS
… (1.5dB steps)
1110 = -7.5dB FS
1111 = -6dB FS
11:8
HLD
0000
(0ms)
ALC hold time before gain is increased.
0000 = 0ms
0001 = 2.67ms
0010 = 5.33ms
… (time doubles with every step)
1111 = 43.691s
7:4
DCY
0011
(192ms)
ALC decay (gain ramp-up) time
0000 = 24ms
0001 = 48ms
0010 = 96ms
… (time doubles with every step)
1010 or higher = 24.58s
3:0
ATK
0010
(24ms)
ALC attack (gain ramp-down) time
0000 = 6ms
0001 = 12ms
0010 = 24ms
… (time doubles with every step)
1010 or higher = 6.14s
Table 9 ALC Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com