Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX098 Datasheet(PDF) 8 Page - Sony Corporation

Part # ICX098
Description  Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX098 Datasheet(HTML) 8 Page - Sony Corporation

Back Button ICX098 Datasheet HTML 4Page - Sony Corporation ICX098 Datasheet HTML 5Page - Sony Corporation ICX098 Datasheet HTML 6Page - Sony Corporation ICX098 Datasheet HTML 7Page - Sony Corporation ICX098 Datasheet HTML 8Page - Sony Corporation ICX098 Datasheet HTML 9Page - Sony Corporation ICX098 Datasheet HTML 10Page - Sony Corporation ICX098 Datasheet HTML 11Page - Sony Corporation ICX098 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
– 8 –
ICX098AK
Image Sensor Characteristics
(Ta = 25°C)
Item
G sensitivity
Sensitivity
comparison
Saturation signal
Smear
Video signal shading
Uniformity between video
signal channels
Dark signal
Dark signal shading
Line crawl G
Line crawl R
Line crawl B
Lag
Sg
Rr
Rb
Vsat
Sm
SHg
∆Srg
∆Sbg
Vdt
∆Vdt
Lcg
Lcr
Lcb
Lag
350
0.3
0.4
500
440
0.45
0.55
0.001
0.6
0.7
0.0025
20
25
8
8
4
1
3.8
3.8
3.8
0.5
mV
mV
%
%
%
%
%
mV
mV
%
%
%
%
1
1
1
2
3
4
4
5
5
6
7
8
8
8
9
Ta = 60°C
Zone 0 and I
Zone 0 to II'
Ta = 60°C
Ta = 60°C
Symbol
Min.
Typ.
Max.
Unit
Measurement
method
Remarks
Zone Definition of Video Signal Shading
10
12
494 (V)
12
12
659 (H)
V
10
H
8
H
8
V
10
Effective pixel region
Ignored region
Zone 0, I
Zone II, II'
R
B
Measurement System
CCD
C.D.S
S/H
AMP
CCD signal output [∗A]
Gr/Gb channel signal output [∗B]
Gr/Gb
S/H
R/B
R/B channel signal output [∗C]
Note) Adjust the amplifier gain so that the gain between [∗A] and [∗B], and between [∗A] and [∗C] equals 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com