Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8524CGEDT Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8524CGEDT
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8524CGEDT Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8524CGEDT Datasheet HTML 17Page - Wolfson Microelectronics plc WM8524CGEDT Datasheet HTML 18Page - Wolfson Microelectronics plc WM8524CGEDT Datasheet HTML 19Page - Wolfson Microelectronics plc WM8524CGEDT Datasheet HTML 20Page - Wolfson Microelectronics plc WM8524CGEDT Datasheet HTML 21Page - Wolfson Microelectronics plc WM8524CGEDT Datasheet HTML 22Page - Wolfson Microelectronics plc WM8524CGEDT Datasheet HTML 23Page - Wolfson Microelectronics plc WM8524CGEDT Datasheet HTML 24Page - Wolfson Microelectronics plc WM8524CGEDT Datasheet HTML 25Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Production Data
WM8524
w
PD, Rev 4.1, October 2011
21
RECOMMENDED ANALOGUE LOW PASS FILTER
Figure 16 Recommended Analogue Low Pass Filter (one channel shown)
An external single-pole RC filter is recommended if the device is driving a wideband amplifier. Other
filter architectures may provide equally good results.
The filter shown in Figure 16 has a -3dB cut-off at 105.26kHz and a droop of 0.15dB at 20kHz. The
typical output from the WM8524 is 2.1Vrms – when a 10kΩ load is placed at the output of this
recommended filter the amplitude across this load is 1.99Vrms.
RECOMMENDED PCB LAYOUT
C1
C2
C5
To LINEVDD
Supply
To AVDD
Supply
C4
C3
Top Layer Copper
Via
Figure 17 Recommended PCB Layout
Notes:
1.
C5 should be placed as close to WM8524 as possible, with minimal track lengths to reduce inductance and maximise
performance of the charge pump. Vias should be avoided in the tracking to C5.
2.
C1 is then next most important and should also be placed as close as possible to the WM8524. Again, minimise track
lengths and avoid vias to reduce parasitic inductance.
3.
C2 and C4 are then next most important, and lastly C3.
4.
The WM8524 evaluation board, details available at www.wolfsonmicro.com, shows an example of good component
placement and layout to maximise performance with a minimal BOM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com