Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLR Datasheet(PDF) 11 Page - Radiometrix Ltd

Part # PLR
Description  NBFM Multi channel Data Packet Link Radios
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

PLR Datasheet(HTML) 11 Page - Radiometrix Ltd

Back Button PLR Datasheet HTML 4Page - Radiometrix Ltd PLR Datasheet HTML 5Page - Radiometrix Ltd PLR Datasheet HTML 6Page - Radiometrix Ltd PLR Datasheet HTML 7Page - Radiometrix Ltd PLR Datasheet HTML 8Page - Radiometrix Ltd PLR Datasheet HTML 9Page - Radiometrix Ltd PLR Datasheet HTML 10Page - Radiometrix Ltd PLR Datasheet HTML 11Page - Radiometrix Ltd PLR Datasheet HTML 12Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Radiometrix Ltd
PLT/PLR Data Sheet
page 11
The antenna choice and position directly controls the system range. Keep it clear of other metal in the
system, particularly the 'hot' end. The best position by far, is sticking out the top of the product. This is often
not desirable for practical/ergonomic reasons thus a compromise may need to be reached. If an internal
antenna must be used, try to keep it away from other metal components, particularly large ones like
transformers, batteries and PCB tracks/earth plane. The space around the antenna is as important as the
antenna itself.
A. Helical antenna
B. Loop antenna
RF
C1
C2
C4
C3
RF-GND
C. Whip antenna
16.4cm
RF
0.5 mm enameled copper wire
close wound on 3.2 mm diameter former
433 MHz = 24 turns
Feed point 15% to 25% of total loop length
track width = 1mm
4 to 10 cm inside area
wire, rod, PCB-track or a combination
of these three
433 MHz = 16.4 cm total from RF pin.
2
RF
Figure 9: Antenna types (for 433MHz) band)
Ordering Information:
Part No.
Description
Frequency band (MHz)
Supply (V)
RF power (mW)
Data rate
VHF
PLT1-173-9
Transmitter
173.200 - 173.325
3.1 -15
10
9600bps
PLR1-173-9
Receiver
173.200 - 173.325
3.1 -15
9600bps
PLT1-151-9
Transmitter
150.825 - 152.450
4.1 -15
100
9600bps
PLR1-151-9
Receiver
150.825 - 152.450
3.1 -15
9600bps
UHF
9600bps
PLT2-433-9
Transmitter
433.875-434.650
3.1 -15
10
9600bps
PLR2-433-9
Receiver
433.875-434.650
3.1 -15
9600bps
PLT2-458-9
Transmitter
458.525 - 459.1
4.1 -15
100
9600bps
PLR2-458-9
Receiver
458.525 - 459.1
3.1 -15
9600bps
Notes:
1.
The standard products use a 9600 baud user interface speed. Slower versions are also available
(1200, 2400 and 4800 baud, with suffixes -1, -2, and -4). e.g.: PLT1-173-4 (for 4800 baud)
2.
PLT/PLR are available on number of other VHF and UHF frequencies. Other UHF band frequencies
are subject to SAW filter availability. e.g. 315, 419, 429, 448, 465MHz etc
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com