Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXS20 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # PXS20
Description  PXS20 Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXS20 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button PXS20 Datasheet HTML 76Page - Freescale Semiconductor, Inc PXS20 Datasheet HTML 77Page - Freescale Semiconductor, Inc PXS20 Datasheet HTML 78Page - Freescale Semiconductor, Inc PXS20 Datasheet HTML 79Page - Freescale Semiconductor, Inc PXS20 Datasheet HTML 80Page - Freescale Semiconductor, Inc PXS20 Datasheet HTML 81Page - Freescale Semiconductor, Inc PXS20 Datasheet HTML 82Page - Freescale Semiconductor, Inc PXS20 Datasheet HTML 83Page - Freescale Semiconductor, Inc PXS20 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 119 page
background image
PXS20 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
80
•
BCX68 from Infineon
Table 16. Voltage regulator electrical specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SR
External decoupling/
stability capacitor
Min, max values shall be
granted with respect to
tolerance, voltage,
temperature, and aging
variations.
12
—40
µF
SR
Combined ESR of
external capacitor
—0.01
—0.10
SR
Number of pins for
external decoupling/
stability capacitor
—5
——
—
CV1V2
SR
Total capacitance on
1.2 V pins
Ceramic capacitors,
taking into account
tolerance, aging, voltage
and temperature variation
300
—
900
nF
tSU
Start-up time after main
supply stabilization
Cload =10µF×4
—
—2.5
ms
—
Main High Voltage Power -
Low Voltage Detection,
upper threshold
——
—2.9
V
—
D
Main supply low voltage
detector, lower threshold
—2.6
——
V
—
D
Digital supply high voltage
detector upper threshold
Before a destructive reset
initialization phase
completion
Cut2: 1.355
—
Cut1: 1.5
Cut2: 1.495
V
After a destructive reset
initialization phase
completion
Cut1: 1.32
Cut2: 1.43
—
Cut1: 1.4
Cut2: 1.47
—
D
Digital supply high voltage
detector lower threshold
Before a destructive reset
initialization phase
completion
Cut1: 1.330
Cut2: 1.315
—
Cut1: 1.4
Cut2: 1.455
V
After a destructive reset
initialization phase
completion
Cut2: 1.39
—
Cut2: 1.43
—
D
Digital supply low voltage
detector lower threshold
After a destructive reset
initialization phase
completion
1.080
—
Cut1: 1.110
Cut2: 1.12
V
—
D
Digital supply low voltage
detector upper threshold
After a destructive reset
initialization phase
completion
Cut1: 1.17
Cut2: 1.16
—
Cut1: 1.19
Cut2: 1.20
V
—
D
POR rising/ falling supply
threshold voltage
—1.6
—2.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com