Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXS2010VMM80 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPXS2010VMM80
Description  32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXS2010VMM80 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPXS2010VMM80 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXS2010VMM80 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXS2010VMM80 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXS2010VMM80 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXS2010VMM80 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXS2010VMM80 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXS2010VMM80 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXS2010VMM80 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXS2010VMM80 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
PXS20 Product Brief, Rev. 1
Features
Freescale Semiconductor
8
The DPM mode increased performances can be estimated in first approximation as about 1.6× the
performance of the LSM mode at the same frequency for shared program flash configuration (up to 2×,
depending on software).
PXS20 devices support only static configuration at power-on (either LSM or DPM).
2.4.3
Mode-Specific Performance Parameters
•LSM:
— Up to 240 million integer instructions per second (dual integer unit)
— Up to 240 million floating point instructions per second (FPU)
— Up to 480 million multiply and accumulate instructions per second (SPE)
•DPM:
— 384–480 million integer/floating point instructions per second
— 768–960 million multiply and accumulate instructions per second
2.4.4
Functional Safety Suitability
The PXS20 has been successfully assessed by Exida Certification (Official Certification issued on Nov.
30th 2007) to be fit for purpose to achieve a safety integrity level 3 (SIL3) as per IEC61508-part 2 standard
with an overall SoC PFH of 0.1 FIT in LSM mode.
The mode of operation which allows to reach the highest safety level with minimum software requirement
is the Lock Step mode (LSM).
SIL3 innovative safety concept:
•
LockStep mode and Fail-safe protection
•
Sphere of replication (SoR) for key components (such as CPU core, eDMA, crossbar switch)
•
Fault collection and control unit (FCCU)
•
Redundancy control and checker unit (RCCU) on outputs of the SoR connected to FCCU
•
Boot-time Built-In Self-Test for Memory (MBIST) and Logic (LBIST) triggered by hardware
•
Boot-time Built-In Self-Test for ADC and flash memory triggered by software
•
Replicated safety enhanced watchdog
•
Replicated junction temperature sensor
•
Non-maskable interrupt (NMI)
•
16-region memory protection unit (MPU)
•
Clock monitoring units (CMU)
•
Power management unit (PMU)
•
Cyclic redundancy check (CRC) unit
2.5
Module Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com