Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP53A7LQ Datasheet(PDF) 1 Page - Enpirion, Inc.

Part # EP53A7LQ
Description  1000mA Synchronous Buck Regulator with Integrated Inductor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP53A7LQ Datasheet(HTML) 1 Page - Enpirion, Inc.

  EP53A7LQ Datasheet HTML 1Page - Enpirion, Inc. EP53A7LQ Datasheet HTML 2Page - Enpirion, Inc. EP53A7LQ Datasheet HTML 3Page - Enpirion, Inc. EP53A7LQ Datasheet HTML 4Page - Enpirion, Inc. EP53A7LQ Datasheet HTML 5Page - Enpirion, Inc. EP53A7LQ Datasheet HTML 6Page - Enpirion, Inc. EP53A7LQ Datasheet HTML 7Page - Enpirion, Inc. EP53A7LQ Datasheet HTML 8Page - Enpirion, Inc. EP53A7LQ Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
01543
11/11/2009
Rev:B
EP53A7LQI/EP53A7HQI
1000mA Synchronous Buck Regulator
with Integrated Inductor
RoHS Compliant; Halogen Free
www.enpirion.com
Description
The EP53A7xQI (x = L or H) is a 1000mA
PowerSOC. The EP53A7xQI integrates MOSFET
switches,
control,
compensation,
and
the
magnetics in an advanced 3mm x 3mm QFN
Package.
Integrated magnetics enables a tiny solution
footprint, low output ripple, low part-count, and
high reliability, while maintaining high efficiency.
The complete solution can be implemented in as
little as 21mm2.
A proprietary light load mode (LLM) provides high
efficiency in light load conditions.
The EP53A7xQI uses a 3-pin VID to easily select
the output voltage setting.
Output voltage
settings are available in 2 optimized ranges
providing coverage for typical VOUT settings.
The VID pins can be changed on the fly for fast
dynamic voltage scaling. EP53A7LQI further has
the option to use an external voltage divider.
The EP53A7xQI offers the optimal combination
of very small solution footprint and advanced
performance features.
EP53A7xQI
4.7uF
10uF
6mm
3.5mm
100 Ohm
Figure 1: Total Solution Footprint
Features
• Integrated Inductor Technology
• 3mm x 3mm x 1.1mm QFN package
• Total Solution Footprint < 21mm2
• Low VOUT ripple for RF compatibility
• High efficiency, up to 94%
• 1000mA continuous output current
• 55µA quiescent current
• Less than 1µA standby current
• 5 MHz switching frequency
• 3 pin VID for glitch free voltage scaling
• VOUT Range 0.6V to VIN – 0.5V
• Short circuit and over current protection
• UVLO and thermal protection
• IC level reliability in a PowerSOC solution
Application
• Portable wireless and RF applications
• Solid state storage applications
• Space constrained applications requiring high
efficiency and very small solution size
VIN
VSENSE
PVIN
VS1
VS2
VS0
10
μF
4.7
μF
VOUT
VOUT
AGND
ENABLE
VFB
PGND
AVIN
LLM
100 ohm
Figure 2: Typical Application Schematic


Similar Part No. - EP53A7LQ

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP53A7LQI ALTERA-EP53A7LQI Datasheet
998Kb / 19P
1A PowerSoC Light Load Mode Buck Regulator with Integrated Inductor
EP53A7LQI ALTERA-EP53A7LQI Datasheet
998Kb / 19P
1A PowerSoC Light Load Mode Buck Regulator with Integrated Inductor
More results

Similar Description - EP53A7LQ

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5311QI ENPIRION-EN5311QI Datasheet
296Kb / 16P
1A Synchronous Buck Regulator With Integrated Inductor
EN5312QI ENPIRION-EN5312QI Datasheet
462Kb / 16P
1A Synchronous Buck Regulator With Integrated Inductor
EP53A8LQI ENPIRION-EP53A8LQI Datasheet
296Kb / 14P
1000mA Synchronous Buck Regulator with Integrated Inductor
EP5358LUI ENPIRION-EP5358LUI Datasheet
212Kb / 14P
500mA Synchronous Buck Regulator with Integrated Inductor
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
600mA Synchronous Buck Regulator With Integrated Inductor
EP5348UI ENPIRION-EP5348UI Datasheet
318Kb / 12P
400mA Synchronous Buck Regulator with Integrated Inductor
EP5357LUI ENPIRION-EP5357LUI Datasheet
291Kb / 17P
600mA Synchronous Buck Regulator with Integrated Inductor
logo
Altera Corporation
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5358XUI ALTERA-EP5358XUI Datasheet
757Kb / 16P
600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5388QI ALTERA-EP5388QI Datasheet
820Kb / 13P
800mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com