Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP5348UI Datasheet(PDF) 10 Page - Enpirion, Inc.

Part # EP5348UI
Description  400mA Synchronous Buck Regulator with Integrated Inductor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5348UI Datasheet(HTML) 10 Page - Enpirion, Inc.

Back Button EP5348UI Datasheet HTML 4Page - Enpirion, Inc. EP5348UI Datasheet HTML 5Page - Enpirion, Inc. EP5348UI Datasheet HTML 6Page - Enpirion, Inc. EP5348UI Datasheet HTML 7Page - Enpirion, Inc. EP5348UI Datasheet HTML 8Page - Enpirion, Inc. EP5348UI Datasheet HTML 9Page - Enpirion, Inc. EP5348UI Datasheet HTML 10Page - Enpirion, Inc. EP5348UI Datasheet HTML 11Page - Enpirion, Inc. EP5348UI Datasheet HTML 12Page - Enpirion, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
05721
September 12, 2012
Rev: C
EP5348UI
©Enpirion 2012 all rights reserved, E&OE
10
www.enpirion.com
Figures 4 and 5 show critical PCB top and
bottom layer components and traces for a
minimum-footpint
recommended
EP5348
layout with ENABLE tied to VIN. Alternate
ENABLE configurations need to be connected
and routed according to specific customer
application. This layout consists of four layers.
For
the
other
2
layers
and
the
exact
dimensions, please see the Gerber files at
www.enpirion.com.
The
recommendations
given below are general guidelines. Customers
may need to adjust these according to their
own layout and manufacturing rules.
Recommendation 1: Input and output filter
capacitors should be placed on the same side
of the PCB, and as close to the EP5348UI
package
as
possible.
They
should
be
connected to the device with very short and
wide traces. Do not use thermal reliefs or
spokes when connecting the capacitor pads to
the respective nodes. The +V and GND traces
between the capacitors and the EP5348UI
should be as close to each other as possible
so that the gap between the two nodes is
minimized, even under the capacitors.
Recommendation 2: The system ground
plane should be the first layer immediately
below the surface layer. This ground plane
should be continuous and un-interrupted below
the converter and the input/output capacitors.
Please the Gerber files at www.enpirion.com.
Recommendation 3: Multiple small vias
should be used to connect ground terminal of
the input capacitor and output capacitors to the
system ground plane. It is preferred to put
these vias along the edge of the GND copper
closest to the +V copper. These vias connect
the input/output filter capacitors to the GND
plane, and help reduce parasitic inductances in
the input and output current loops. See Figure
4. If the two vias cannot be put under CIN or
COUT, then put two vias right after the
capacitors next the VIN and VOUT vias.
Recommendation 4: As Figure 5 shows, RA,
RB, and CA have been placed on the back side
to minimize the footprint. These components
also need to be close to the VFB pin (see
Figures 3, 4 and 5). The VFB pin is a high-
impedance, sensitive node. Keep any trace
connected to this node as short and thin as
possible. Whenever possible, connect RB
directly to the AGND pin instead of going
through the GND plane. In the layout shown
above, RB goes to the via next to AGND pin
using a dedicated trace on layer 3 not shown
here. See Gerber files at www.enpirion.com.
Recommendation 5: AVIN is the power supply
for the small-signal control circuits. It should be
connected to the input voltage at a quiet point.
In Figure 4 this connection is made at the vias
just before CIN. There is an additional
decoupling capacitor CAVIN for AVIN which is
connected between the device pin and the
GND plane.
Recommendation 6: The via to the right of pin
2 underneath the device helps to minimize the
parasitic inductances in the input and output
loop ground connections.
Recommendation 7: The top layer 1 metal
under the device must not be more than shown
in Figure 4. As with any switch-mode DC/DC
converter, try not to run sensitive signal or
control lines underneath the converter package
on other layers.
Recommendation 8: The VOUT sense point
should be just after the last output filter
capacitor. Keep the sense trace short in order
to avoid noise coupling into the node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com