Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXS2010VMM80R Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MPXS2010VMM80R
Description  PXS20 Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXS2010VMM80R Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MPXS2010VMM80R Datasheet HTML 77Page - Freescale Semiconductor, Inc MPXS2010VMM80R Datasheet HTML 78Page - Freescale Semiconductor, Inc MPXS2010VMM80R Datasheet HTML 79Page - Freescale Semiconductor, Inc MPXS2010VMM80R Datasheet HTML 80Page - Freescale Semiconductor, Inc MPXS2010VMM80R Datasheet HTML 81Page - Freescale Semiconductor, Inc MPXS2010VMM80R Datasheet HTML 82Page - Freescale Semiconductor, Inc MPXS2010VMM80R Datasheet HTML 83Page - Freescale Semiconductor, Inc MPXS2010VMM80R Datasheet HTML 84Page - Freescale Semiconductor, Inc MPXS2010VMM80R Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 119 page
background image
Electrical characteristics
PXS20 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
81
Figure 5. BCP68 board schematic example
NOTE
The combined ESR of the capacitors used on 1.2 V pins (V1V2 in the picture) shall be in
the range of 30 mto 150 m. The minimum value of the ESR is constrained by the
resonance caused by the external components, bonding inductance, and internal
decoupling. The minimum ESR is required to avoid the resonance and make the regulator
stable.
—
SR
Supply ramp rate
—
3—
0.5 ×106
V/s
—
D
LVD_MAIN: Time
constant of RC filter at
LVD input
3.3V noise rejection at the
input of
LVD comparator
1.1
—
—
µs
—
D
HVD_DIG: Time constant
of RC filter at LVD input
1.2V noise rejection at the
input of
LVD comparator
0.1
—
—
µs
—
D
LVD_DIG: Time constant
of RC filter at LVD input
1.2V noise rejection at the
input of
LVD comparator
0.1
—
—
µs
Table 16. Voltage regulator electrical specifications (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BCRTL
Cext
Cint
Rb
Lb
Rs
V1V2 ring on board
VDD
V1V2 pin
ESR
Cv1v2
PXS20
BCP68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com