Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXS2010VMM80R Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPXS2010VMM80R
Description  32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXS2010VMM80R Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPXS2010VMM80R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXS2010VMM80R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXS2010VMM80R Datasheet HTML 11Page - Freescale Semiconductor, Inc MPXS2010VMM80R Datasheet HTML 12Page - Freescale Semiconductor, Inc MPXS2010VMM80R Datasheet HTML 13Page - Freescale Semiconductor, Inc MPXS2010VMM80R Datasheet HTML 14Page - Freescale Semiconductor, Inc MPXS2010VMM80R Datasheet HTML 15Page - Freescale Semiconductor, Inc MPXS2010VMM80R Datasheet HTML 16Page - Freescale Semiconductor, Inc MPXS2010VMM80R Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Features
PXS20 Product Brief, Rev. 1
Freescale Semiconductor
13
The main features of the SRAMC provide connectivity for the following interfaces:
•
XBAR Slave Port (64-bit data path)
•
ECSM (ECC Error Reporting, error injection and configuration)
•SRAM array
The following functions are implemented:
•
ECC encoding (32-bit boundary for data and complete address bus)
•
ECC decoding (32-bit boundary and entire address)
•
Address translation from the AHB protocol on the XBAR to the SRAM array
The platform SRAM controller is replicated for each processor.
2.5.9
Memory Subsystem Access Time
Every memory access the CPU performs requires at least one system clock cycle for the data phase of the
access. Slower memories or peripherals may require additional data phase wait states. Additional data
phase wait states may also occur if the slave being accessed is not parked on the requesting master in the
crossbar.
Table 2 shows the number of additional data phase wait states required for a range of memory accesses.
2.5.10
Error Correction Status Module (ECSM)
The ECSM on this device manages the ECC configuration and reporting for the platform memories (flash
memory and SRAM). It does not implement the actual ECC calculation. A detected error (double error for
flash memory or SRAM) is also reported to the FCCU. The following errors and indications are reported
into the ECSM dedicated registers:
•
ECC error status and configuration for flash memory and SRAM
•
ECC error reporting for flash memory
Table 2. Platform Memory Access Time Summary
AHB transfer
Data phase
wait states
Description
e200z4d instruction fetch
0
Flash memory prefetch buffer hit (page hit)
e200z4d instruction fetch
3
Flash memory prefetch buffer miss
(based on 4-cycle random flash array access time)
e200z4d data read
0–1
SRAM read
e200z4d data write
0
SRAM 32-bit write
e200z4d data write
0
SRAM 64-bit write (executed as 2 x 32-bit writes)
e200z4d data write
0–2
SRAM 8-,16-bit write
(Read-modify-Write for ECC)
e200z4d flash memory read
0
Flash memory prefetch buffer hit (page hit)
e200z4d flash memory read
3
Flash memory prefetch buffer miss (at 120 MHz; includes 1 cycle
of program flash memory controller arbitration)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com