Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXD2005VMM120R Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPXD2005VMM120R
Description  32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD2005VMM120R Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPXD2005VMM120R Datasheet HTML 17Page - Freescale Semiconductor, Inc MPXD2005VMM120R Datasheet HTML 18Page - Freescale Semiconductor, Inc MPXD2005VMM120R Datasheet HTML 19Page - Freescale Semiconductor, Inc MPXD2005VMM120R Datasheet HTML 20Page - Freescale Semiconductor, Inc MPXD2005VMM120R Datasheet HTML 21Page - Freescale Semiconductor, Inc MPXD2005VMM120R Datasheet HTML 22Page - Freescale Semiconductor, Inc MPXD2005VMM120R Datasheet HTML 23Page - Freescale Semiconductor, Inc MPXD2005VMM120R Datasheet HTML 24Page - Freescale Semiconductor, Inc MPXD2005VMM120R Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Features
PXS20 Product Brief, Rev. 1
Freescale Semiconductor
21
2.5.29
Serial Peripheral Interface (SPI)
The SPI modules provide a synchronous serial interface for communication between the PXS20 and
external devices.
A SPI module provides these features:
•
Full duplex, synchronous transfers
•
Master or slave operation
•
Programmable master bit rates
•
Programmable clock polarity and phase
•
End-of-transmission interrupt flag
•
Programmable transfer baud rate
•
Programmable data frames from 4 to 16 bits
•
As many as 8 chip select lines available, depending on package and pin multiplexing
•
4 clock and transfer attributes registers
•
Chip select strobe available as alternate function on one of the chip select pins for de-glitching
•
FIFOs for buffering as many as 5 transfers on the transmit and receive side
•
Queueing operation possible through use of the eDMA
•
General purpose I/O functionality on pins when not used for SPI
2.5.30
Pulse Width Modulator (PWM)
The PWM module contains four PWM channels, each of which is configured to control a single
half-bridge power stage. Two modules are included on 257 MAPBGA devices; on the 144 LQFP package,
only one module is present. Additionally, four fault input channels are provided per PWM module.
This PWM is capable of controlling most motor types, including:
•
AC induction motors (ACIM)
•
Permanent Magnet AC motors (PMAC)
•
Brushless (BLDC) and brush DC motors (BDC)
•
Switched (SRM) and variable reluctance motors (VRM)
•
Stepper motors
A PWM module implements the following features:
•
16 bits of resolution for center, edge aligned, and asymmetrical PWMs
•
Maximum operating frequency as high as 120 MHz
— Clock source not modulated and independent from system clock (generated via secondary
FMPLL)
•
Fine granularity control for enhanced resolution of the PWM period
•
PWM outputs can operate as complementary pairs or independent channels
•
Ability to accept signed numbers for PWM generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com