Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7252B Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7252B
Description  2A, 17V, 340/800kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7252B Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7252B Datasheet HTML 1Page - Richtek Technology Corporation RT7252B Datasheet HTML 2Page - Richtek Technology Corporation RT7252B Datasheet HTML 3Page - Richtek Technology Corporation RT7252B Datasheet HTML 4Page - Richtek Technology Corporation RT7252B Datasheet HTML 5Page - Richtek Technology Corporation RT7252B Datasheet HTML 6Page - Richtek Technology Corporation RT7252B Datasheet HTML 7Page - Richtek Technology Corporation RT7252B Datasheet HTML 8Page - Richtek Technology Corporation RT7252B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT7252A/B
®
DS7252A/B-01 April 2012
www.richtek.com
1
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin Configurations
(TOP VIEW)
SOP-8 (Exposed Pad)
2A, 17V, 340/800kHz Synchronous Step-Down Converter
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
General Description
The RT7252A/B is a high efficiency, monolithic
synchronous step-down DC/DC converter that can operate
at 340kHz/800kHz, while delivering up to 2A output current
from a 4V to 17V input supply. The RT7252A/B's current
mode architecture allows the transient response to be
optimized. Cycle-by-cycle current limit provides protection
against shorted outputs and soft-start eliminates input
current surge during start-up. Fault conditions also include
output under voltage protection, output over voltage
protection and thermal shutdown. The low current (<5
μA)
shutdown mode provides output disconnection, enabling
easy power management in battery-powered systems. The
RT7252A/B is available in a SOP-8 (Exposed Pad)
package.
Features
4V to 17V Input Voltage Range
2A Output Current
Internal N-MOSFETs
Current Mode Control
Fixed Frequency Operation : 340kHz/800kHz
Output Adjustable from 0.8V to 12V
Up to 95% Efficiency
Internal Compensation
Stable with Low ESR Ceramic Output Capacitors
Cycle-by-Cycle Over Current Protection
Input Under Voltage Lockout
Output Under Voltage Protection
Output Over Voltage Protection
Power Good Indicator
Thermal Shutdown Protection
RoHS Compliant and Halogen Free
Applications
Industrial and Commercial Low Power Systems
Computer Peripherals
LCD Monitors and TVs
Green Electronics/Appliances
Point of Load Regulation for High-Performance DSPs,
FPGAs, and ASICs
Marking Information
RT7252AZSP : Product Number
YMDNN : Date Code
RT7252AZSP
RT7252BZSP
SW
VIN
BOOT
EN
NC
GND
FB
PGOOD
GND
2
3
4
5
6
7
8
9
RT7252A
ZSPYMDNN
RT7252B
ZSPYMDNN
RT7252BZSP : Product Number
YMDNN : Date Code
Package Type
SP : SOP-8 (Exposed Pad-Option 1)
RT7252A/B
Lead Plating System
Z : ECO (Ecological Element with
Halogen Free and Pb free)
A : 340kHz
B : 800kHz


Similar Part No. - RT7252B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7252BZSP RICHTEK-RT7252BZSP Datasheet
724Kb / 10P
Evaluation Board
More results

Similar Description - RT7252B

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3421 EUTECH-EUP3421 Datasheet
89Kb / 1P
2A, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7247C RICHTEK-RT7247C Datasheet
277Kb / 15P
2A, 18V, 800kHz Synchronous Step-Down Converter
RT7250A RICHTEK-RT7250A Datasheet
300Kb / 14P
2A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7251A RICHTEK-RT7251A Datasheet
241Kb / 14P
1.5A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7257G RICHTEK-RT7257G Datasheet
277Kb / 15P
3A, 18V, 800kHz Synchronous Step-Down Converter
RT7297C RICHTEK-RT7297C Datasheet
289Kb / 15P
3A, 18V, 800kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2228 MPS-MP2228 Datasheet
562Kb / 16P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234 MPS-MP2234 Datasheet
1Mb / 21P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234S MPS-MP2234S Datasheet
722Kb / 19P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
logo
Richtek Technology Corp...
RT7257E RICHTEK-RT7257E Datasheet
225Kb / 15P
3A, 17V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com