| Electronic Components Datasheet Search |
|
STM32F207IC Datasheet(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F207IC Datasheet(HTML) 23 Page - STMicroelectronics |
|
23 / 177 page ![]() STM32F20xxx Description Doc ID 15818 Rev 9 23/177 Regulator ON The regulator ON modes are activated by default on LQFP packages.On WLCSP66 package, they are activated by connecting both REGOFF and IRROFF pins to VSS, while only REGOFF must be connected to VSS on UFBGA176 package (IRROFF is not available). VDD minimum value is 1.8 V (a). There are three regulator ON modes: ● MR is used in nominal regulation mode (Run) ● LPR is used in Stop mode ● Power-down is used in Standby mode: The regulator output is in high impedance: the kernel circuitry is powered down, inducing zero consumption (but the contents of the registers and SRAM are lost). Regulator OFF ● Regulator OFF/internal reset ON On WLCSP66 package, this mode is activated by connecting REGOFF pin to VDD and IRROFF pin to VSS. On UFBGA176 package, only REGOFF must be connected to VDD (IRROFF not available). The regulator OFF/internal reset ON mode allows to supply externally a 1.2 V voltage source through VCAP_1 and VCAP_2 pins, in addition to VDD. The following conditions must be respected: –VDD should always be higher than VCAP_1 and VCAP_2 to avoid current injection between power domains. – If the time for VCAP_1 and VCAP_2 to reach 1.08 V is faster than the time for VDD to reach 1.8 V(a), then PA0 should be connected to the NRST pin (see Figure 6). Otherwise, PA0 should be asserted low externally during POR until VDD reaches 1.8 V (see Figure 7). In this mode, PA0 cannot be used as a GPIO pin since it allows to reset the part of the 1.2 V logic which is not reset by the NRST pin, when the internal voltage regulator in OFF. ● Regulator OFF/internal reset OFF On WLCSP66 package, this mode activated by connecting REGOFF to VSS and IRROFF to VDD. IRROFF cannot be activated in conjunction with REGOFF. This mode is available only on the WLCSP package. It allows to supply externally a 1.2 V voltage source through VCAP_1 and VCAP_2 pins, in addition to VDD. The following conditions must be respected: –VDD should always be higher than VCAP_1 and VCAP_2 to avoid current injection between power domains (see Figure 6). – PA0 should be kept low to cover both conditions: until VCAP_1 and VCAP_2 reach 1.08 V, and until VDD reaches 1.65 V. – NRST should be controlled by an external reset controller to keep the device under reset when VDD is below 1.65 V (see Figure 7). a. VDD minimum value is 1.7 V when the device operates in the 0 to 70 °C temperature range and IRROFF is set to VDD. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |