Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8282B Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8282B
Description  2A, 23V, 1.2MHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8282B Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8282B Datasheet HTML 6Page - Richtek Technology Corporation RT8282B Datasheet HTML 7Page - Richtek Technology Corporation RT8282B Datasheet HTML 8Page - Richtek Technology Corporation RT8282B Datasheet HTML 9Page - Richtek Technology Corporation RT8282B Datasheet HTML 10Page - Richtek Technology Corporation RT8282B Datasheet HTML 11Page - Richtek Technology Corporation RT8282B Datasheet HTML 12Page - Richtek Technology Corporation RT8282B Datasheet HTML 13Page - Richtek Technology Corporation RT8282B Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
RT8282B
13
DS8282B-01
March 2011
www.richtek.com
(d) Copper Area = 50mm
2 ,
θJA = 51°C/W
(e) Copper Area = 70mm
2 ,
θJA = 49°C/W
Figure 6. Themal Resistance vs. Copper Area Layout Design
Figure 8. PCB Layout Guide
Table 3. Suggested Capacitors for CIN and COUT
Location
Component Supplier
Part No.
Capacitance (
μF)
Case Size
CIN
MURATA
GRM31CR61E106K
10
1206
CIN
TDK
C3225X5R1E106K
10
1206
CIN
TAIYO YUDEN
TMK316BJ106ML
10
1206
COUT
MURATA
GRM31CR60J476M
47
1206
COUT
TDK
C3225X5R0J476M
47
1210
COUT
MURATA
GRM32ER71C226M
22
1210
COUT
TDK
C3225X5R1C22M
22
1210
Layout Consideration
For best performance of the RT8282B, the follow layout
guidelines must be strictly followed.
Input capacitor must be placed as close to the IC as
possible.
VIN
VOUT
GND
GND
CP
CC
RC
SW
VOUT
COUT
L1
R1
R2
Input capacitor must
be placed as close
to the IC as possible.
SW should be connected to inductor by
wide and short trace. Keep sensitive
components away from this trace.
The feedback components
must be connected as close
to the device as possible.
BOOT
VIN
SW
GND
SS
EN
FB
COMP
GND
2
3
4
5
6
7
8
9
CSS
RS CS
GND
VIN
REN
CIN
SW should be connected to inductor by wide and short
trace. Keep sensitive components away from this trace.
The feedback components must be connected as close
to the device as possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com