Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8284 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8284
Description  2A, 23V, 340kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8284 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8284 Datasheet HTML 1Page - Richtek Technology Corporation RT8284 Datasheet HTML 2Page - Richtek Technology Corporation RT8284 Datasheet HTML 3Page - Richtek Technology Corporation RT8284 Datasheet HTML 4Page - Richtek Technology Corporation RT8284 Datasheet HTML 5Page - Richtek Technology Corporation RT8284 Datasheet HTML 6Page - Richtek Technology Corporation RT8284 Datasheet HTML 7Page - Richtek Technology Corporation RT8284 Datasheet HTML 8Page - Richtek Technology Corporation RT8284 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT8284
1
DS8284-01 March 2011
www.richtek.com
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
2A, 23V, 340kHz Synchronous Step-Down Converter
General Description
The RT8284 is a high efficiency, monolithic synchronous
step-down DC/DC converter that can deliver up to 2A output
current from a 4.5V to 23V input supply. The RT8284's
current mode architecture and external compensation
allow the transient response to be optimized over a wide
range of loads and output capacitors. Cycle-by-cycle
current limit provides protection against shorted outputs
and soft-start eliminates input current surge during start-
up. The RT8284 also provides under voltage protection
and thermal shutdown protection. The low current (< 3
μA)
shutdown mode provides output disconnect, enabling easy
power management in battery powered systems. The
RT8284 is a available in a SOP-8 and SOP-8
(Exposed Pad) package.
Features
±±±±±1.5% High Accuracy Feedback Voltage
Input Voltage Range : 4.5V to 23V
2A Output Current
Integrated N-MOSFETs
Current Mode Control
340kHz Fixed Frequency Operation
Output Adjustable Voltage Range : 0.923V to 20V
Efficiency Up to 95%
Programmable Soft-Start
Stable with Low ESR Ceramic Output Capacitors
Cycle-by-Cycle Over Current Protection
Input Under Voltage Lockout
Output Under Voltage Protection
Thermal Shutdown Protection
RoHS Compliant and Halogen Free
Applications
Wireless AP/Router
Set-Top-Box
Industrial and Commercial Low Power Systems
LCD Monitors and TVs
Green Electronics/Appliances
Point of Load Regulation of High-Performance DSPs
Pin Configurations
(TOP VIEW)
SOP-8
BOOT
VIN
SW
GND
SS
EN
FB
COMP
2
3
4
5
6
7
8
BOOT
VIN
SW
GND
SS
EN
FB
COMP
GND
2
3
4
5
6
7
8
9
SOP-8 (Exposed Pad)
Marking Information
RT8284
GSYMDNN
RT8284GS : Product Number
YMDNN : Date Code
RT8284
GSPYMDNN
RT8284GSP : Product Number
YMDNN : Date Code
Package Type
S : SOP-8
SP: SOP-8(Exposed Pad-Option 1)
RT8284
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT8284GS
RT8284GSP


Similar Part No. - RT8284

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8284N RICHTEK-RT8284N Datasheet
212Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - RT8284

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8284N RICHTEK-RT8284N Datasheet
212Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8292A RICHTEK-RT8292A Datasheet
276Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8294 RICHTEK-RT8294 Datasheet
263Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
logo
Unisonic Technologies
P1482 UTC-P1482 Datasheet
268Kb / 5P
2A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Feeling Technology Corp...
FP6188 FEELING-FP6188 Datasheet
620Kb / 11P
2A, 23V, 340KHz Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FR9886D FITIPOWER-FR9886D Datasheet
1Mb / 15P
23V, 2A/2.5A, 340KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15