Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8286 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8286
Description  2A, 21V 500kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8286 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8286 Datasheet HTML 6Page - Richtek Technology Corporation RT8286 Datasheet HTML 7Page - Richtek Technology Corporation RT8286 Datasheet HTML 8Page - Richtek Technology Corporation RT8286 Datasheet HTML 9Page - Richtek Technology Corporation RT8286 Datasheet HTML 10Page - Richtek Technology Corporation RT8286 Datasheet HTML 11Page - Richtek Technology Corporation RT8286 Datasheet HTML 12Page - Richtek Technology Corporation RT8286 Datasheet HTML 13Page - Richtek Technology Corporation RT8286 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
RT8286
13
DS8286-02
June 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 7. PCB Layout Guide
Layout Considerations
Follow the PCB layout guidelines for optimal performance
of the IC.
Keep the traces of the main current paths as short and
wide as possible.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
SW node is with high frequency voltage swing and
should be kept at small area. Keep analog components
away from the SW node to prevent stray capacitive noise
pickup.
CIN
CBOOT
VOUT
COUT
GND
VOUT
RT
R2
R1
L
GND
Place the input and
output capacitors
as close to the IC
as possible.
SW should be connected
to inductor by wide and
short trace and keep
sensitive components
away from this trace.
Place the feedback
as close to the IC as
possible.
VIN
SW
SW
BOOT
GND
VCC
EN
FB
GND
2
3
4
5
6
7
8
9
Connect feedback network behind the output capacitors.
Keep the loop area small. Place the feedback
components near the IC.
Connect all analog grounds to a common node and then
connect the common node to the power ground behind
the output capacitors.
An example of PCB layout guide is shown in Figure 7.
for reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com