Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8288 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8288
Description  3A, 21V 500kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8288 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8288 Datasheet HTML 2Page - Richtek Technology Corporation RT8288 Datasheet HTML 3Page - Richtek Technology Corporation RT8288 Datasheet HTML 4Page - Richtek Technology Corporation RT8288 Datasheet HTML 5Page - Richtek Technology Corporation RT8288 Datasheet HTML 6Page - Richtek Technology Corporation RT8288 Datasheet HTML 7Page - Richtek Technology Corporation RT8288 Datasheet HTML 8Page - Richtek Technology Corporation RT8288 Datasheet HTML 9Page - Richtek Technology Corporation RT8288 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
RT8288
6
DS8288-03
June 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Output Voltage vs. Output Current
1.200
1.205
1.210
1.215
1.220
1.225
1.230
1.235
1.240
0
0.5
1
1.5
2
2.5
3
Output Current (A)
VIN = 12V, VOUT = 1.22V, IOUT = 0A to 3A
Reference Voltage vs. Temperature
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
-50
-25
0
25
50
75
100
125
Temperature (°C)
Reference Voltage vs. Input Voltage
0.790
0.795
0.800
0.805
0.810
0.815
0.820
0.825
0.830
4
6
8
10
12
14
16
18
20
22
Input Voltage (V)
Typical Operating Characteristics
Switching Frequency vs. Input Voltage
350
375
400
425
450
475
500
525
550
4
6
8
10
12
14
16
18
20
22
Input Voltage (V)
VOUT = 1.22V, IOUT = 0.8A
Switching Frequency vs. Temperature
350
375
400
425
450
475
500
525
550
-50-25
0
25
50
75100
125
Temperature (°C)
VIN = 12V, VOUT = 1.22V, IOUT = 1A
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
00.5
11.5
22.5
3
Output Current (A)
VIN = 12V
VIN = 21V
VOUT = 1.22V, IOUT = 0A to 3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com