Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8256 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8256
Description  2A, 22V, 400kHz Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8256 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8256 Datasheet HTML 1Page - Richtek Technology Corporation RT8256 Datasheet HTML 2Page - Richtek Technology Corporation RT8256 Datasheet HTML 3Page - Richtek Technology Corporation RT8256 Datasheet HTML 4Page - Richtek Technology Corporation RT8256 Datasheet HTML 5Page - Richtek Technology Corporation RT8256 Datasheet HTML 6Page - Richtek Technology Corporation RT8256 Datasheet HTML 7Page - Richtek Technology Corporation RT8256 Datasheet HTML 8Page - Richtek Technology Corporation RT8256 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT8256
2
DS8256-01 March 2011
www.richtek.com
Functional Pin Description
Function Block Diagram
Pin No.
Pin Name
Pin Function
1
NC
No Internal Connection.
2
BOOT
High Side Gate Drive Boost Input. BOOT supplies the drive for the high side N-MOSFET
switch. Connect a 10nF or greater capacitor from SW to BOOT to power the high side
switch.
3
VIN
Power Input. VIN supplies the power to the IC, as well as the step-down converter
switches. Bypass VIN to GND with a suitable large capacitor to eliminate noise on the
input to the IC.
4
SW
Power Switching Output. SW is the switching node that supplies power to the output.
Connect the output LC filter from SW to the output load. Note that a capacitor is required
from SW to BOOT to power the high side switch.
5
GND
Ground.
6
FB
Feedback Input. FB senses the output voltage to regulate said voltage. The feedback
reference voltage is 1.222V typically.
7
COMP
Compensation Node. COMP is used to compensate the regulation control loop. Connect
a series RC network from COMP to GND to compensate the regulation control loop. In
some cases, an additional capacitor from COMP to GND is required.
8
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN higher than
1.4V to turn on the regulator, lower than 0.4V to turn it off. If the EN pin is open, it will be
pulled to high by internal circuit.
Table 1. Recommended Component Selection
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
RC (kΩ)
CC (nF)
L1 (
μH)
C
OUT(μF)
12
88.7
10
62
0.82
33
22
5
30
10
20
2.2
22
22
3.3
17
10
10
1.5
15
22
2.5
10.45
10
7.5
1.5
10
22
1.8
4.75
10
6
1.5
10
22
1.222
0
10
6
3.9
6.8
22
R
Q
S
Q
VA
+
-
+
-
+
-
+
-
EA
UV
Comparator
Oscillator
400kHz/120kHz
Foldback
Control
0.6V
Internal
Regulator
+
-
1V
1µA
Shutdown
Comparator
Current Sense
Amplifier
BOOT
VIN
GND
SW
FB
EN
COMP
1.222V
3V
10k
VA
Slope Comp
Current
Comparator
Gm = 780µA/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com