Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8259 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8259
Description  1.2A, 24V, 1.4MHz Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8259 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8259 Datasheet HTML 1Page - Richtek Technology Corporation RT8259 Datasheet HTML 2Page - Richtek Technology Corporation RT8259 Datasheet HTML 3Page - Richtek Technology Corporation RT8259 Datasheet HTML 4Page - Richtek Technology Corporation RT8259 Datasheet HTML 5Page - Richtek Technology Corporation RT8259 Datasheet HTML 6Page - Richtek Technology Corporation RT8259 Datasheet HTML 7Page - Richtek Technology Corporation RT8259 Datasheet HTML 8Page - Richtek Technology Corporation RT8259 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT8259
1
DS8259-03 March 2011
www.richtek.com
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
1.2A, 24V, 1.4MHz Step-Down Converter
General Description
The RT8259 is a high voltage buck converter that can support
the input voltage range from 4.5V to 24V and the output
current can be up to 1.2A. Current Mode operation provides
fast transient response and eases loop stabilization.
The chip also provides protection functions such as cycle-
by-cycle current limiting and thermal shutdown protection.
The RT8259 is available in a SOT-23-6 and TSOT-23-6
packages.
Features
Wide Operating Input Voltage Range : 4.5V to 24V
Adjustable Output Voltage Range : 0.8V to 15V
1.2A Output Current
0.3
Ω
Ω
Ω
Ω
Ω Internal Power MOSFET Switch
High Efficiency up to 92%
1.4MHz Fixed Switching Frequency
Stable with Low ESR Output Ceramic Capacitors
Thermal Shutdown
Cycle-By-Cycle Over Current Protection
RoHS Compliant and Halogen Free
Applications
Distributed Power Systems
Battery Charger
Pre-Regulator for Linear Regulators
WLEDDrivers
Typical Application Circuit
Pin Configurations
(TOP VIEW)
SOT-23-6/TSOT-23-6
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
BOOT GND
FB
EN
VIN
PHASE
4
23
5
6
VIN
EN
GND
BOOT
FB
PHASE
4
2
3
5
6
1
L1
4.7µH
CB
10nF
C2
22µF
R1
62k
R2
19.6k
VOUT
3.3V
C1
10µF
Chip Enable
VIN
4.5V to 24V
RT8259
D1
B230A
Open =
Automatic Startup
RT8259
Package Type
E : SOT-23-6
J6 : TSOT-23-6
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8259

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8259A RICHTEK-RT8259A Datasheet
200Kb / 11P
The RT8259A is a monolithic step-down switch mode
More results

Similar Description - RT8259

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2359DJ-00B MPS-EV2359DJ-00B Datasheet
163Kb / 4P
1.2A, 24V, 1.4MHz Step-Down Converter Evaluation Board in TSOT23-6
MP2359 MPS-MP2359 Datasheet
377Kb / 9P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Richtek Technology Corp...
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
1.2A, 24V, 1.4MHz Step-down Converter
logo
Monolithic Power System...
MP28368 MPS-MP28368 Datasheet
336Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
ETA SOLUTIONS CO. LIMIT...
ETA2359 ETA-ETA2359 Datasheet
196Kb / 1P
1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
2A, 24V, 1.4MHz STEP-DOWN CONVERTER
UD32121 UTC-UD32121 Datasheet
202Kb / 5P
1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com