Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8294 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT8294
Description  2A, 23V, 340kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8294 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT8294 Datasheet HTML 7Page - Richtek Technology Corporation RT8294 Datasheet HTML 8Page - Richtek Technology Corporation RT8294 Datasheet HTML 9Page - Richtek Technology Corporation RT8294 Datasheet HTML 10Page - Richtek Technology Corporation RT8294 Datasheet HTML 11Page - Richtek Technology Corporation RT8294 Datasheet HTML 12Page - Richtek Technology Corporation RT8294 Datasheet HTML 13Page - Richtek Technology Corporation RT8294 Datasheet HTML 14Page - Richtek Technology Corporation RT8294 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
RT8294
12
DS8294-02
March 2011
www.richtek.com
Figure 7. Derating Curves for RT8294 Package
(a) Copper Area = (2.3 x 2.3) mm
2,
θJA = 75°C/W
(b) Copper Area = 10mm
2,
θJA = 64°C/W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
25
50
75
100
125
Ambient Temperature (
°C)
Copper Area
70mm
2
50mm
2
30mm
2
10mm
2
Min.Layout
SOP-8
Four-Layer PCB
Thermal Considerations
For continuous operation, do not exceed absolute
maximum operation junction temperature 125
°C. The
maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junctions to ambient. The maximum power dissipation can
be calculated by following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum operation junction
temperature, TA is the ambient temperature and the
θJA
is the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT8294, the maximum junction temperature is 125
°C. The
junction to ambient thermal resistance
θJA is layout
dependent. For SOP-8 (Exposed Pad) package, the
thermal resistance
θJA is 75°C/W on the standard JEDEC
51-7 four layers thermal test board. For SOP-8 package,
the thermal resistance
θJA is 90°C/W on the standard
JEDEC 51-7 four layers thermal test board. The maximum
power dissipation at TA = 25
°C can be calculated by
following formula :
PD(MAX) = (125
°C − 25°C) / (75°C/W ) = 1.33W
(min. copper area PCB layout with SOP-8 Exposed Pad)
PD(MAX) = (125
°C − 25°C) / (49°C/W ) = 2.04W
(70mm
2 copper area PCB layout with SOP-8 Exposed
Pad)
PD(MAX) = (125
°C − 25°C) / (90°C/W ) = 1.11W
(min. copper area PCB layout with SOP-8)
The thermal resistance
θJA of SOP-8 (Exposed Pad) is
determined by the package architecture design and the
PCB layout design. However, the package architecture
design had been designed. If possible, it's useful to increase
thermal performance by the PCB layout copper design.
The thermal resistance
θJA can be decreased by adding
copper area under the exposed pad of SOP-8 (Exposed
Pad) package.
As shown in Figure 6, the amount of copper area to which
the SOP-8 (Exposed Pad) is mounted affects thermal
performance. When mounted to the standard SOP-8
(Exposed Pad) pad (Figure 6.a),
θJA is 75°C/W. Adding
copper area of pad under the SOP-8 (Exposed Pad) (Figure
6.b) reduces the
θJA to 64°C/W. Even further, increasing
the copper area of pad to 70mm
2 (Figure 6.e) reduces the
θJA to 49°C/W.
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For RT8294 packages, the of de-rating
curves in Figure 7 allow the designer to see the effect of
rising ambient temperature on the maximum power
dissipation allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com