Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8299 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8299
Description  3A, 24V, 500kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8299 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8299 Datasheet HTML 1Page - Richtek Technology Corporation RT8299 Datasheet HTML 2Page - Richtek Technology Corporation RT8299 Datasheet HTML 3Page - Richtek Technology Corporation RT8299 Datasheet HTML 4Page - Richtek Technology Corporation RT8299 Datasheet HTML 5Page - Richtek Technology Corporation RT8299 Datasheet HTML 6Page - Richtek Technology Corporation RT8299 Datasheet HTML 7Page - Richtek Technology Corporation RT8299 Datasheet HTML 8Page - Richtek Technology Corporation RT8299 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT8299
1
DS8299-01 May 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
3A, 24V, 500kHz Synchronous Step-Down Converter
General Description
The RT8299 is a high efficiency, monolithic synchronous
step-down DC/DC converter with internal power MOSFETs.
It achieves 3A of continuous output current over a wide
input supply range from 3V to 24V with excellent load and
line regulation. Current mode operation provides fast
transient response and eases loop stabilization. Cycle-
by-cycle current limit provides protection against shorted
outputs and soft-start eliminates input current surge during
start-up. Thermal shutdown provides reliable, fault tolerant
operation. The low current shutdown mode provides output
disconnection, enabling easy power management in battery
powered systems.
Applications
Industrial and Commercial Low Power Systems
Computer Peripherals
LCD Monitors and TVs
Green Electronics/Appliances
Point of Load Regulation for High Performance DSPs,
FPGAs, and ASICs
Pin Configurations
(TOP VIEW)
SOP-8 (Exposed Pad)
Features
3V to 24V Input Voltage Range
3A Output Current
Internal N-MOSFETs
Current Mode Control
Fixed Frequency Operation : 500kHz
Output Adjustable from 0.8V to 15V
Up to 95% Efficiency
Stable with Low ESR Ceramic Output Capacitors
Cycle-by-Cycle Over Current Protection
Input Under Voltage Lockout
Output Under Voltage Protection
Thermal Shutdown Protection
SOP-8 (Exposed Pad) and 10-Lead WDFN Packages
RoHS Compliant and Halogen Free
BOOT
VIN
SW
GND
VCC
PGOOD
FB
EN
GND
2
3
4
5
6
7
8
9
FB
PGOOD
BOOT
VCC
GND
SW
SW
VIN
VIN
EN
9
8
7
1
2
3
4
5
10
6
11
WDFN-10L 3x3
RT8299
Package Type
SP : SOP-8 (Exposed Pad-Option 1)
QW: WDFN-10L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Z : ECO (Ecological Element with
Halogen Free and Pb free)


Similar Part No. - RT8299

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8292A RICHTEK-RT8292A Datasheet
276Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
Evaluation Board
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8293A RICHTEK-RT8293A Datasheet
275Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - RT8299

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7272A RICHTEK-RT7272A Datasheet
255Kb / 14P
3A, 36V, 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
21V, 3A, 500kHz, Synchronous Step-Down Converter
MP2325 MPS-MP2325 Datasheet
1Mb / 17P
High Efficiency 3A, 24V, 500kHz Synchronous Step-Down Converter
MP92325 MPS-MP92325 Datasheet
725Kb / 16P
24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MPQ2315 MPS-MPQ2315 Datasheet
780Kb / 21P
High Efficiency 3A, 24V, 500kHz Synchronous Step Down Converter
MPQ2325 MPS-MPQ2325 Datasheet
1Mb / 17P
24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2315 MPS-MP2315 Datasheet
657Kb / 18P
High Efficiency 3A, 24V, 500kHz Synchronous Step Down Converter
MP2315S MPS-MP2315S Datasheet
649Kb / 16P
3A, 24V, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
12/21/2015 Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com