Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6670AS Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # FDS6670AS
Description  6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

FDS6670AS Datasheet(HTML) 2 Page - Richtek Technology Corporation

  FDS6670AS Datasheet HTML 1Page - Richtek Technology Corporation FDS6670AS Datasheet HTML 2Page - Richtek Technology Corporation FDS6670AS Datasheet HTML 3Page - Richtek Technology Corporation FDS6670AS Datasheet HTML 4Page - Richtek Technology Corporation FDS6670AS Datasheet HTML 5Page - Richtek Technology Corporation FDS6670AS Datasheet HTML 6Page - Richtek Technology Corporation FDS6670AS Datasheet HTML 7Page - Richtek Technology Corporation FDS6670AS Datasheet HTML 8Page - Richtek Technology Corporation FDS6670AS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
DS8298-01
November 2011
www.richtek.com
RT8298
Copyright
2011 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
04 YM
DNN
RT8298
ZSPYMDNN
RT8298ZQW
RT8298ZSP
04 : Product Code
YMDNN : Date Code
RT8298ZSP : Product Number
YMDNN : Date Code
Pin Configurations
(TOP VIEW)
WDFN-14L 4x3
FB
PGOOD
VIN
VIN
GND
BG
VCC
SW
BOOT
EN/SYNC
VIN
SW
NC
SW
13
12
11
1
2
3
4
5
14
69
10
GND
15
78
SOP-8 (Exposed Pad)
SW
BOOT
VCC
BG
VIN
EN/SYNC
GND
FB
GND
2
3
4
5
6
7
8
9
RT8298
Package Type
QW : WDFN-14L 4x3 (W-Type)
SP : SOP-8 (Exposed Pad-Option 2)
Lead Plating System
Z : ECO (Ecological Element with
Halogen Free and Pb free)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com