Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7821 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # IRF7821
Description  6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

IRF7821 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  IRF7821 Datasheet HTML 1Page - Richtek Technology Corporation IRF7821 Datasheet HTML 2Page - Richtek Technology Corporation IRF7821 Datasheet HTML 3Page - Richtek Technology Corporation IRF7821 Datasheet HTML 4Page - Richtek Technology Corporation IRF7821 Datasheet HTML 5Page - Richtek Technology Corporation IRF7821 Datasheet HTML 6Page - Richtek Technology Corporation IRF7821 Datasheet HTML 7Page - Richtek Technology Corporation IRF7821 Datasheet HTML 8Page - Richtek Technology Corporation IRF7821 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
DS8298-01
November 2011
www.richtek.com
RT8298
Copyright
2011 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
®
Simplified Application Circuit
General Description
The RT8298 is a synchronous step-down DC/DC converter
with an integrated high side internal power MOSFET and
a gate driver for a low side external power MOSFET. It
can deliver up to 6A output current from a 4.5V to 24V
input supply. The RT8298's current mode architecture
allows the transient response to be optimized over a wider
input voltage and load range. Cycle-by-cycle current limit
provides protection against shorted outputs and soft-start
eliminates input current surge during start-up. The RT8298
is synchronizable to an external clock with frequency
ranging from 300kHz to 1.5MHz.
The RT8298 is available in WDFN-14L 4x3 and SOP-8
(Exposed Pad) packages.
6A, 24V, 600kHz Step-Down Converter with Synchronous
Gate Driver
Features
4.5V to 24V Input Voltage Range
6A Output Current
45m
Ω
Ω
Ω
Ω
Ω Internal High Side N-MOSFET
Current Mode Control
600kHz Switching Frequency
Adjustable Output from 0.8V to 15V
Up to 95% Efficiency
Internal Compensation
Stable with Ceramic Capacitors
Synchronous External Clock : 300kHz to 1.5MHz
Cycle-by-Cycle Current Limit
Input Under Voltage Lockout
Output Under Voltage Protection
Power Good Indicator
Thermal Shutdown Protection
RoHS Compliant and Halogen Free
Applications
Point of Load Regulator in Distributed Power System
Digital Set top Boxes
Personal Digital Recorders
Broadband Communications
Flat Panel TVs and Monitors
RT8298
VIN
CIN
VIN
VCC
CVCC
PGOOD
Power Good
EN/SYNC
FB
BG
SW
BOOT
CBOOT
L
VOUT
COUT
R1
R2
Chip Enable
GND
Q1


Similar Part No. - IRF7821

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7821 IRF-IRF7821 Datasheet
210Kb / 10P
Power MOSFET
IRF7821 IRF-IRF7821 Datasheet
1Mb / 15P
IRU3146 EVALUATION BOARD USER GUIDE
logo
Texas Instruments
IRF7821 TI-IRF7821 Datasheet
909Kb / 33P
Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
logo
International Rectifier
IRF7821 IRF-IRF7821 Datasheet
290Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems.
logo
Guangdong Youtai Semico...
IRF7821 UMW-IRF7821 Datasheet
499Kb / 9P
30V N-Channel MOSFET
More results

Similar Description - IRF7821

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7258 RICHTEK-RT7258 Datasheet
330Kb / 18P
8A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
RT7259 RICHTEK-RT7259 Datasheet
299Kb / 15P
10A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
logo
Exar Corporation
SP7663 EXAR-SP7663_12 Datasheet
763Kb / 18P
6A 600KHz Synchronous Step Down Regulator
logo
Monolithic Power System...
MP8352 MPS-MP8352 Datasheet
341Kb / 12P
3V-6V Input, 6A, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP8666 MPS-MP8666 Datasheet
375Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38671 MPS-MP38671 Datasheet
393Kb / 11P
10A, 25V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38870 MPS-MP38870 Datasheet
543Kb / 10P
3A, 14V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38872 MPS-MP38872 Datasheet
360Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38874 MPS-MP38874 Datasheet
633Kb / 11P
8A, 21V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP8765 MPS-MP8765 Datasheet
1Mb / 21P
24V, 6A High Efficiency Synchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com