Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCMME37P Datasheet(PDF) 91 Page - ITT Industries

Part # DCMME37P
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DCMME37P Datasheet(HTML) 91 Page - ITT Industries

Back Button DCMME37P Datasheet HTML 87Page - ITT Industries DCMME37P Datasheet HTML 88Page - ITT Industries DCMME37P Datasheet HTML 89Page - ITT Industries DCMME37P Datasheet HTML 90Page - ITT Industries DCMME37P Datasheet HTML 91Page - ITT Industries DCMME37P Datasheet HTML 92Page - ITT Industries DCMME37P Datasheet HTML 93Page - ITT Industries DCMME37P Datasheet HTML 94Page - ITT Industries DCMME37P Datasheet HTML 95Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
90
20,93 - 20,42
(.824 - .804)
Ø A
Ø B
D Subminiature
Combo D
Cable (Size 8) Loose Contacts — High Power — Solder
Plug
Part Number
Gold Over Nickel
Part Number
50 in. Gold over Ni
Current Rating
Wire
Size
DM53745-1
DM53745-28
40 A
8 AWG
DM53745-7
DM53745-27
20 A
12 AWG
DM53745-8
DM53745-25
10 A
16 AWG
Receptacle
Part Number
Gold Over Nickel
Part Number
50 in. Gold over Ni
Current Rating
Wire
Size
DM53744-1
DM53744-21
40 A
8 AWG
DM53744-6
DM53744-25
20 A
12 AWG
DM53744-7
DM53744-24
10 A
16 AWG
Plug
Recommended Wire Trim Length
Part Number
Gold Over Nickel
Part Number
30 in. Gold over Ni
Part Number
50 in. Gold over Ni
XA
max.
XB
max.
Current
Rating
Wire
Size
DM130338-4
DM130338
DM130338-1
4,60 (.181)
5,84 (.230)
40 A
8 AWG
DM130339-4
DM130339
DM130339-1
2,54 (.100)
5,54 (.218)
20 A
12 AWG
DM130340-4
DM130340
DM130340-1
1,07 (.067)
2,59 (.102)
10 A
16 AWG
Receptacle
Part Number
Gold Over Nickel
Part Number
30 in. Gold over Ni
Part Number
50 in. Gold over Ni
XA
max.
XB
max.
Current
Rating
Wire
Size
DM130341-4
DM130341
DM130341-1
4,60 (.181)
5,84 (.230)
40 A
8 AWG
DM130342-4
DM130342
DM130342-1
2,54 (.100)
5,54 (.218)
20 A
12 AWG
DM130343-4
DM130343
DM130343-1
1,07 (.067)
2,59 (.102)
10 A
16 AWG
High Power Crimp Tooling
Crimp Tool/Locator
Wire
Size
Crimp
Tool
Tool Setting
Number
Locator
8 AWG
M300-BT
6
TP968
10 AWG
M300-BT
5
TP968
12/14 AWG
M300-BT
1
TP968
16 AWG
FT-8
6
TH554
18 AWG
FT-8
5
TH554
Cable (Size 8) Loose Contacts — High Power — Crimp
M300-BT
Recommended Wire Trim Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com