Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILX554A Datasheet(PDF) 6 Page - Sony Corporation

Part # ILX554A
Description  2048-pixel CCD Linear Sensor (B/W) for Single 5V Power Supply Bar-code Reader
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX554A Datasheet(HTML) 6 Page - Sony Corporation

Back Button ILX554A Datasheet HTML 2Page - Sony Corporation ILX554A Datasheet HTML 3Page - Sony Corporation ILX554A Datasheet HTML 4Page - Sony Corporation ILX554A Datasheet HTML 5Page - Sony Corporation ILX554A Datasheet HTML 6Page - Sony Corporation ILX554A Datasheet HTML 7Page - Sony Corporation ILX554A Datasheet HTML 8Page - Sony Corporation ILX554A Datasheet HTML 9Page - Sony Corporation ILX554A Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
– 6 –
ILX554A
φφφφφCLK Timing (For all modes)
Item
φCLK pulse rise/fall time
φCLK pulse duty∗1
Symbol
t1, t2
—
Min.
0
40
Typ.
10
50
Max.
100
60
Unit
ns
%
∗1 100 × t4 / (t3 + t4)
φφφφφROG, φφφφφCLK Timing
Item
φROG, φCLK pulse timing 1
φROG, φCLK pulse timing 2
φROG pulse rise/fall time
φROG pulse period
Symbol
t5
t9
t6, t8
t7
Min.
0
1000
0
1000
Typ.
3000
3000
10
5000
Max.
—
—
—
—
Unit
ns
ns
ns
ns
t1
t2
t3
t4
φCLK
t6
t7
t8
φROG
φCLK
t5
t9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com