Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILX554 Datasheet(PDF) 9 Page - Sony Corporation

Part # ILX554
Description  2048-pixel CCD Linear Sensor (B/W) for Single 5V Power Supply Bar-code Reader
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX554 Datasheet(HTML) 9 Page - Sony Corporation

Back Button ILX554 Datasheet HTML 5Page - Sony Corporation ILX554 Datasheet HTML 6Page - Sony Corporation ILX554 Datasheet HTML 7Page - Sony Corporation ILX554 Datasheet HTML 8Page - Sony Corporation ILX554 Datasheet HTML 9Page - Sony Corporation ILX554 Datasheet HTML 10Page - Sony Corporation ILX554 Datasheet HTML 11Page - Sony Corporation ILX554 Datasheet HTML 12Page - Sony Corporation ILX554 Datasheet HTML 13Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
– 9 –
ILX554A
1
0.1
1
10
10
Integration time [ms]
Output voltage rate vs. Integration time (Typ.)
100
0
0
1.0
2.0
1.5
0.5
1.0
0.5
1.5
Clock frequency [MHz]
Current consumption rate vs. Clock frequency (Typ.)
2.0
4.50
2.4
2.8
3.2
3.0
2.6
2.5
5.00
4.75
5.25
VDD [V]
Offset level vs. VDD (Typ.)
5.50
2.9
3.1
2.7
0
2.4
2.8
3.2
3.0
2.6
2.5
20
40
Ambient temperature [˚C]
Offset level vs. Ambient temperature (Typ.)
60
2.9
3.1
2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com