Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT2516 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT2516
Description  2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2516 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT2516 Datasheet HTML 1Page - Richtek Technology Corporation RT2516 Datasheet HTML 2Page - Richtek Technology Corporation RT2516 Datasheet HTML 3Page - Richtek Technology Corporation RT2516 Datasheet HTML 4Page - Richtek Technology Corporation RT2516 Datasheet HTML 5Page - Richtek Technology Corporation RT2516 Datasheet HTML 6Page - Richtek Technology Corporation RT2516 Datasheet HTML 7Page - Richtek Technology Corporation RT2516 Datasheet HTML 8Page - Richtek Technology Corporation RT2516 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RT2516
®
DS2516-01
July 2012
www.richtek.com
1
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator
with Enable
(TOP VIEW)
SOP-8 (Exposed Pad)
General Description
The RT2516 is a high performance positive voltage regulator
designed for use in applications requiring ultra-low input
voltage and ultra-low dropout voltage at up to 2 amperes.
It operates with an input voltage as low as 1.4V, with output
voltage programmable as low as 0.5V. The RT2516
features ultra low dropout, ideal for applications where
output voltage is very close to input voltage. Additionally,
the RT2516 has an enable pin to further reduce power
dissipation while shutdown. The RT2516 provides
excellent regulation over variations in line, load and
temperature. The RT2516 is available in the SOP-8
(Exposed Pad) package. The output voltage can be set
by an external divider depending on how the FB pin is
configured.
Features
Input Voltage as Low as 1.4V
Ultra-Low Dropout Voltage 400mV @ 2A
Over Current Protection
Over Temperature Protection
1
μμμμμA Input Current in Shutdown Mode
Enable Control
RoHS Compliant and Halogen Free
Applications
Telecom/Networking Cards
Motherboards/Peripheral Cards
Industrial Applications
Wireless Infrastructure
Set Top Box
Medical Equipment
Notebook Computers
Battery Powered Systems
NC
EN
VIN
NC
GND
ADJ
NC
VOUT
GND
2
3
4
5
6
7
8
9
Marking Information
RT2516
Lead Plating System
G : Green (Halogen Free and Pb Free)
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
RT2516
GSPYMDNN
RT2516GSP : Product Number
YMDNN : Date Code


Similar Part No. - RT2516

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT2512 ETC1-RT2512 Datasheet
41Kb / 2P
Thin Film Chip Resistors
logo
YAGEO Corporation
RT2512 YAGEO-RT2512 Datasheet
381Kb / 10P
THIN FILM CHIP RESISTORS High precision - high stability
RT2512 YAGEO-RT2512 Datasheet
381Kb / 10P
THIN FILM CHIP RESISTORS High precision - high stability
RT2512 YAGEO-RT2512 Datasheet
381Kb / 10P
THIN FILM CHIP RESISTORS High precision - high stability
RT2512BKA07XRXXL YAGEO-RT2512BKA07XRXXL Datasheet
427Kb / 9P
THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
More results

Similar Description - RT2516

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G962 GMT-G962 Datasheet
238Kb / 6P
2A Low Dropout Regulator with Enable
logo
Eutech Microelectronics...
EUP7966 EUTECH-EUP7966 Datasheet
396Kb / 11P
2A Low-Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
logo
Richtek Technology Corp...
RT2515A RICHTEK-RT2515A Datasheet
261Kb / 9P
2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
RT2515H RICHTEK-RT2515H Datasheet
260Kb / 9P
2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
logo
E-Tech Electronics LTD
LR18120 ETL-LR18120 Datasheet
380Kb / 8P
2A LOW DROPOUT REGULATOR WITH ENABLE
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
2A Low Dropout Regulator with Enable
logo
Richtek Technology Corp...
RTQ2516-QT RICHTEK-RTQ2516-QT Datasheet
246Kb / 12P
2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
RT9048 RICHTEK-RT9048 Datasheet
240Kb / 10P
2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com