Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8167A Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8167A
Description  Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167A Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8167A Datasheet HTML 1Page - Richtek Technology Corporation RT8167A Datasheet HTML 2Page - Richtek Technology Corporation RT8167A Datasheet HTML 3Page - Richtek Technology Corporation RT8167A Datasheet HTML 4Page - Richtek Technology Corporation RT8167A Datasheet HTML 5Page - Richtek Technology Corporation RT8167A Datasheet HTML 6Page - Richtek Technology Corporation RT8167A Datasheet HTML 7Page - Richtek Technology Corporation RT8167A Datasheet HTML 8Page - Richtek Technology Corporation RT8167A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
RT8167A
®
DS8167A-00
January 2012
www.richtek.com
2
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
ISEN1P
Positive Current Sense Input of CORE VR
2
ISEN1N
Negative Current Sense Input of CORE VR
3
COMP
CORE VR Compensation. This pin is the output node of the error amplifier.
4
FB
CORE VR Feedback. This is the negative input node of the error amplifier.
5
RGND
Return Ground for CORE VR. This pin is the negative input for differential remote
voltage sensing.
6
IMON
Current Monitor Output of CORE VR. The output voltage VIMON of this pin is
proportional to the output current. For digital output current reporting, detailed
VIMON is generated by built-in ADC.
7
IMONFB
This pin is used to externally set the current monitor output gain of CORE VR.
Connect this pin with one resistor RIMONFB to CORE VCC_SENSE while IMON pin
is connected to ground with another resistor, RIMON. The current monitor output
gain can be set by the ratio of these two resistors.
8
DRPEN
Droop Enable Mode Setting of CORE VR. An internal 80
μA current source is
connected to the DRPEN pin and flows out of this pin for 10
μs. Connect this pin to
VCC to enable droop function. Connect this pin to GND to disable droop function.
9
OFS
Output Voltage No-Load Offset Setting of CORE VR. Connect to a resistive voltage
divider from VCC to GND to set the pin voltage VOFS for offset setting. Connect this
pin to GND for no offset setting.
10
OFSA
Output Voltage No-Load Offset Setting of GFX VR. Connect to a resistive voltage
divider from VCC to GND to set the pin voltage VOFSA for offset setting. Connect this
pin to GND for no offset setting.
Pin Configurations
WQFN-48L 6x6
(TOP VIEW)
ISEN1P
FB
COMP
VCC
GFXPS2
OFSA
OFS
DRPEN
IMONFB
RGND
IMON
ISEN1N
ISENAP
FBA
COMPA
VRA_READY
DRPENA
VDIO
VCLK
IMONFBA
RGNDA
IMONA
ISENAN
GND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
36
35
34
33
32
31
30
29
28
27
26
25
37
38
39
40
41
42
43
44
45
46
47
48
49
ALERT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com