Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8167B Datasheet(PDF) 33 Page - Richtek Technology Corporation

Part # RT8167B
Description  Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167B Datasheet(HTML) 33 Page - Richtek Technology Corporation

Back Button RT8167B Datasheet HTML 29Page - Richtek Technology Corporation RT8167B Datasheet HTML 30Page - Richtek Technology Corporation RT8167B Datasheet HTML 31Page - Richtek Technology Corporation RT8167B Datasheet HTML 32Page - Richtek Technology Corporation RT8167B Datasheet HTML 33Page - Richtek Technology Corporation RT8167B Datasheet HTML 34Page - Richtek Technology Corporation RT8167B Datasheet HTML 35Page - Richtek Technology Corporation RT8167B Datasheet HTML 36Page - Richtek Technology Corporation RT8167B Datasheet HTML 37Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
RT8167B
33
DS8167B-00
October 2011
www.richtek.com
Figure 11. On-Time Setting with RC Filter
(13)
≥
××
×
=
−
ONx
REFx
-12
TONSETx
REFx
IN
REFx
t
(V
1.2V)
23.33 10
R
V
VV
(14)
−
−
−−
=×
−
⎡⎤
+×
+
−
⎣⎦
⎡⎤
+×
−
⎣⎦
S(MAX)
ON
HS Delay
REFx(MAX)
LOAD(MAX)
ON _ LS FET
DROOP
IN(MAX)
LOAD(MAX)
ON _ LS FET
ON _ HS FET
1
f(kHz)
tt
VI
R
DCR R
VI
R
R
When VREFx is larger than 1.2V, the equivalent switching
frequency may be over the maximum design range, making
it unacceptable. Therefore, the VR implements a pseudo-
constant-frequency technology to avoid this disadvantage
of CCRCOT topology. When VREFx is larger than 1.2V,
the on-time equation will be modified to :
On-time translates roughly to switching frequencies. The
on-times guaranteed in the Electrical Characteristics are
influenced by switching delays in external high side
MOSFET. Also, the dead-time effect increases the effective
on-time, reducing the switching frequency. It occurs only
in CCM during dynamic output voltage transitions when
the inductor current reverses at light or negative load
currents. With reversed inductor current, PHASEx goes
high earlier than normal, extending the on-time by a period
equal to the high side MOSFET rising dead time.
For better efficiency of the given load range, the maximum
switching frequency is suggested to be :
where fS(MAX) is the maximum switching frequency, tHS-
Delay is the turn on delay of high side MOSFET, VREFx(MAX)
is the maximum application DAC voltage of application,
VIN(MAX) is the maximum application input voltage,
ILOAD(MAX) is the maximum load of application, RON_LS-FET
is the low side MOSFET RDS(ON), RON_HS-FET is the high
side MOSFET RDS(ON), DCRL is the inductor DCR, and
RDROOP is the load line setting.
GFX/CORE
VR CCRCOT
PWM
Generator
TONSETx
RTONSETx
R1
C1
VIN
VREFx
On-Time
Differential Remote Sense Setting
The CORE/GFX VR includes differential, remote-sense
inputs to eliminate the effects of voltage drops along the
PC board traces, CPU internal power routes and socket
contacts. The CPU contains on-die sense pins CORE/
GFX VCC_SENSE and VSS_SENSE. Connect RGNDx to CORE/
GFX VSS_SENSE. Connect FBx to CORE/GFX VCC_SENSE
with a resistor to build the negative input path of the error
amplifier. The precision voltage reference VREFx is referred
to RGND for accurate remote sensing.
Current Sense Setting
The current sense topology of the CORE/GFX VR is
continuous inductor current sensing. Therefore, the
controller can be less noise sensitive. Low offset amplifiers
are used for loop control and over current detection. The
internal current sense amplifier gain (AI) is fixed to be 10.
The ISENxP and ISENxN denote the positive and negative
input of the current sense amplifier.
Users can either use a current sense resistor or the
inductor's DCR for current sensing. Using inductor's DCR
allows higher efficiency as shown in Figure 12. To let
then the transient performance will be optimum. For
example, choose L = 0.36
μH with 1mΩ DCR and
CX = 100nF, to yields for RX :
X
X
L
RC
DCR
=×
(15)
X
0.36 H
R3.6k
1m
100nF
μ
==
Ω
Ω×
(16)
L
DCR
RX
CX
VOUT
(VCORE/VGFX)
CByp
+
-
ISENxP
ISENxN
PHASEx
AI
VCSx
Figure 12. Lossless Inductor Sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com