Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX005 Datasheet(PDF) 13 Page - Sony Corporation

Part # LCX005
Description  1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX005 Datasheet(HTML) 13 Page - Sony Corporation

Back Button LCX005 Datasheet HTML 9Page - Sony Corporation LCX005 Datasheet HTML 10Page - Sony Corporation LCX005 Datasheet HTML 11Page - Sony Corporation LCX005 Datasheet HTML 12Page - Sony Corporation LCX005 Datasheet HTML 13Page - Sony Corporation LCX005 Datasheet HTML 14Page - Sony Corporation LCX005 Datasheet HTML 15Page - Sony Corporation LCX005 Datasheet HTML 16Page - Sony Corporation LCX005 Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
– 13 –
LCX005BKB
6. Response Time
Response time ton and toff are defined by
the formulas (5) and (6) respectively.
ton = t1 – tON ...(5)
toff = t2 – tOFF ...(6)
t1: time which gives 10% transmittance of
the panel.
t2: time which gives 90% transmittance of
the panel.
The relationships between t1, t2, tON and
tOFF are shown in the right figure.
7. Flicker
Flicker (F) is given by the formula (7). DC and AC (NTSC: 30Hz, rms, PAL: 25Hz, rms) components of the
panel output signal for gray raster∗ mode are measured by a DC voltmeter and a spectrum analyzer in
System II.
F (dB) = 20log
{
}...(7)
8. Image Retention Time
Apply the monoscope signal to the LCD panel for 60 minutes and then change this signal to the gray scale
of Vsig = 6±VAC (VAC: 3 to 4V), judging by sight at VAC that hold the maximum image retention, measure the
time till the residual image becomes indistinct.
∗ Monoscope signal conditions:
Vsig = 6±4.5 or 6± 2.0 (V)
(shown in the right figure)
VCOM = 5.6V
Input signal voltage (waveform applied to the measured pixels)
4.5V
0.5V
6V
0V
Optical transmittance output waveform
100%
90%
10%
0%
tON
t1
ton
tOFF
t2
toff
∗ R, G, B input signal condition for gray raster mode
is given by Vsig = 6±V50 (V)
where: V50 is the signal amplitude which gives 50%
of transmittance in V-T characteristics.
Black level
White level
Vsig waveform
6V
0V
4.5V
2.0V
4.5V
2.0V
AC component
DC component



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com