Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX016AM Datasheet(PDF) 1 Page - Sony Corporation

Part # LCX016AM
Description  3.3cm (1.3-inch) Black-and-White LCD Panel
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX016AM Datasheet(HTML) 1 Page - Sony Corporation

  LCX016AM Datasheet HTML 1Page - Sony Corporation LCX016AM Datasheet HTML 2Page - Sony Corporation LCX016AM Datasheet HTML 3Page - Sony Corporation LCX016AM Datasheet HTML 4Page - Sony Corporation LCX016AM Datasheet HTML 5Page - Sony Corporation LCX016AM Datasheet HTML 6Page - Sony Corporation LCX016AM Datasheet HTML 7Page - Sony Corporation LCX016AM Datasheet HTML 8Page - Sony Corporation LCX016AM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Description
The LCX016AM is a 3.3cm diagonal active matrix
TFT-LCD panel addressed by polycrystalline silicon
super thin film transistors with a built-in peripheral
driving circuit. Use of three LCX016AM panels
provides a full-color representation. The striped
arrangement suitable for data projectors is capable
of displaying fine text and vertical lines.
The adoption of an advanced on-chip black matrix
realizes high picture quality without cross talk by
incorporating a high luminance screen and cross
talk free circuit.
This panel has a polysilicon TFT high-speed
scanner and built-in function to display images
up/down and/or right/left inverse. The built-in 5V
interface circuit leads to lower voltage of timing and
control signals.
The panel contains an active area variable circuit
which
supports
MAC17/SVGA/VGA/PC98
data
signals by changing the active area according to the
type of input signal. In addition, double-speed
processed NTSC/PAL can also be supported.
The adoption of a micro-lens increases the
utilization efficiency of incident light, resulting in an
optical transmittance of 30% or more with parallel
incident light.
Features
• Number of active dots: 519,000 (1.3-inch, 3.3cm in diagonal)
• Accepts the computer requirements of MAC17 (832
× 624), SVGA (800 × 600), VGA (640 × 480)
and PC98 (640
× 400) platforms
• Supports NTSC (640
× 480) and PAL (762 × 572) by processing the video signal at double speed
• High optical transmittance: 30% or more (with parallel incident light)
• Built-in cross talk free circuit
• High contrast ratio with normally white mode: 200 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible)
• Up/down and/or right/left inverse display function
Element Structure
• Dots: 832 (H)
× 624 (V) = 519,168
• Built-in peripheral driver using polycrystalline silicon super thin film transistors
Applications
• Liquid crystal data projectors
• Liquid crystal projectors, etc.
– 1 –
LCX016AM
PE96219-ST
3.3cm (1.3-inch) Black-and-White LCD Panel
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Preliminary
For the availability of this product, please contact the sales office.


Similar Part No. - LCX016AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
3.3cm (1.3-inch) Black-and-White LCD Panel
More results

Similar Description - LCX016AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX007BNB SONY-LCX007BNB Datasheet
661Kb / 24P
3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
3.4cm (1.35-inch) Black-and-White LCD Panel
LCX012BL SONY-LCX012BL Datasheet
381Kb / 21P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX023CMT SONY-LCX023CMT Datasheet
359Kb / 26P
3.3cm (1.3-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
2.3cm (0.9-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
4.6cm (1.8-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com