Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCX021AM Datasheet(PDF) 17 Page - Sony Corporation

Part # LCX021AM
Description  4.1cm (1.6-inch) LCD Panel (with microlens)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX021AM Datasheet(HTML) 17 Page - Sony Corporation

Back Button LCX021AM Datasheet HTML 13Page - Sony Corporation LCX021AM Datasheet HTML 14Page - Sony Corporation LCX021AM Datasheet HTML 15Page - Sony Corporation LCX021AM Datasheet HTML 16Page - Sony Corporation LCX021AM Datasheet HTML 17Page - Sony Corporation LCX021AM Datasheet HTML 18Page - Sony Corporation LCX021AM Datasheet HTML 19Page - Sony Corporation LCX021AM Datasheet HTML 20Page - Sony Corporation LCX021AM Datasheet HTML 21Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
– 17 –
LCX021AM
2. LCD panel operations
[Description of basic operations]
• A vertical driver, which consists of vertical shift registers, enable-gates and buffers, applies a selected pulse
to every 604 gate lines sequentially in a single horizontal scanning period (in SVGA mode).
• A horizontal driver, which consists of horizontal shift registers, gates and CMOS sample-and-hold circuits,
applies selected pulses to every 804
× 3 signal electrodes sequentially in a single horizontal scanning period.
These pulses are used to supply the sampled video signal to the row signal lines.
• Vertical and horizontal shift registers address one pixel, and then turn on Thin Film Transistors (TFTs; two
TFTs) to apply a video signal to the dot. The same procedures lead to the entire 604
× 804 × 3 dots to
display a picture in a single vertical scanning period.
• The data and video signals shall be input with the 1H-inverted system.
[Description of operating mode]
This LCD panel can change the active area by displaying a black frame to support various computer or video
signals. The active area is switched by MODE. However, the center of the screen is not changed. The active
area setting modes are shown below.
MODE
Display mode
H
SVGA
804
× 3 × 604
PC98
804
× 3 × 500
L
This LCD panel has the following functions to easily apply to various uses, as well as various broadcasting
systems.
• Right/left inverse mode
• Up/down inverse mode
These modes are controlled by two signals (RGT and DWN). The right/left and/or up/down setting modes are
shown below:
Right/left and/or up/down mean the direction when the Pin 1 marking is located at the right side with the pin
block upside.
To locate the active area in the center of the panel in each mode, polarity of the start pulse and clock phase for
both the H and V systems must be varied. The phase relationship between the start pulse and the clock for
each mode is shown on the following pages.
RGT
Mode
Right scan
Left scan
H
L
DWN
Mode
Down scan
Up scan
H
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com