Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWHW60G-0202-T-R Datasheet(PDF) 30 Page - Texas Instruments

Part # AWHW60G-0202-T-R
Description  Multi-Cal-System Evaluation Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AWHW60G-0202-T-R Datasheet(HTML) 30 Page - Texas Instruments

Back Button AWHW60G-0202-T-R Datasheet HTML 26Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 27Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 28Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 29Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 30Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 31Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 32Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 33Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Bill of Materials
www.ti.com
Table 5. Multi-Cal-System EVM Board Parts List (continued)
No.
Qty
Ref Des
Description
Vendor
Part Number
11
32
R001, R002,
Resistor, 402
Ω 1/10W
Panasonic - ECG
ERJ-3EKF4020V
R003, R005,
1% 0603 SMD
R101, R102,
R103, R105,
R201, R202,
R203, R205,
R301, R302,
R303, R305,
R401, R402,
R403, R405,
R501, R502,
R503, R505,
R601, R602,
R603, R605,
R701, R702
,R703, R705
12
1
R64
Resistor, 10 k
Ω 1/10W
Stackpole Electronics Inc
RMCF 1/16 10K 1% R
1% 0603 SMD
13
1
R63
Resistor, 69.8 k
Ω
Yageo
RC0603FR-0769K8L
1/10W 1% 0603 SMD
14
7
RN1, RN2, RN3,
Resistor, ARRAY 100
CTS Resistor Products
746X101104JP
RN902, RN906,
k
Ω 10TRM BSS SMD
RN907, RN908
15
1
R970
Resistor, 0.0
Ω 1/4W
Vishay/Dale
CRCW12060000Z0EA
5% 1206 SMD
16
3
U901, U902,
IC SW Mux analog
Analog Devices Inc
ADG1408YRUZ
U905
1/8CH 16-TSSOP
17
5
U903, U904,
IC MultiplexeR 8X1
Maxim
MAX354CWE
U906, U907,
16SOIC
U908
18
3
U919, U920,
IC Chan Protector
Analog Devices Inc
ADG467BRZ
U909
Octal 18-SOIC
19
32
U001, U002,
Relay Opto DC 60V
Panasonic Electric Works
AQV102A
U003, U004,
600MA 6-SMD
U101, U102,
U103, U104,
U201, U202,
U203, U204,
U301, U302,
U303, U304,
U401, U402,
U403, U404,
U501, U502,
U503, U504,
U601, U602,
U603, U604,
U701, U702,
U703, U704,
20
6
U963, U964,
Diode Schottky 30 V
NXP Semiconductors
BAT754S,215
U965, U916,
200 mA SOT23-3
U917, U939
21
2
U800, U4
IC I/O Expander I
2C 8B
Texas Instruments
PCA9534DWR
16SOIC
22
2
U820, U821
IC I/O Expander I
2C 8B
Texas Instruments
PCA9534ADWR
16SOIC
23
1
U938
IC Buff/Dvr Noninvert
Texas Instruments
SN74LVC1G07DBVR
SOT235
24
1
U70
IC LDO Reg 10 V 150
Texas Instruments
LP2985A-10DBVR
mA SOT23-5
25
1
U921
IC 3-TO-8
Texas Instruments
SN74HC138DBR
Decoder/Demux
16-SSOP
30
Multi-Cal-System Evaluation Module
SBOU087A
– August 2010 – Revised April 2011
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com