Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLD104AV Datasheet(PDF) 3 Page - Sony Corporation

Part # SLD104AV
Description  GaAlAs Laser Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD104AV Datasheet(HTML) 3 Page - Sony Corporation

  SLD104AV Datasheet HTML 1Page - Sony Corporation SLD104AV Datasheet HTML 2Page - Sony Corporation SLD104AV Datasheet HTML 3Page - Sony Corporation SLD104AV Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
—3—
SLD104AV
Example of Representative Characteristics
–10
0
25
50
100
100
50
10
45
Threshold current vs. Temperature characteristics
Tc-Case temperature (°C)
Far field pattern (FFP)
–40
–20
0
20
40
1.0
0.5
0
Angle (degree)
PO=3mW
θ //
θ⊥
PIN diode voltage current characteristics
0.25 (mA)
–0.25
0
–1.0
Optical power output vs. Forward current characteristics
20
40
60
80
100
5
0
IF-Forward current (mA)
4
3
2
1
Tc=25°C
Tc=50°C
Tc=25°C
PO=3mW
1.0 (V)
I
V
Relative radiant intensity vs. Wavelength characteristics
PO=3mW
778
779
780
781
782
λ-Wavelength (nm)
Relative radiant intensity vs. Wavelength characteristics
PO=5mW
780
781
782
783
784
λ-Wavelength (nm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com