Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8205C Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8205C
Description  High Efficiency, Main Power Supply Controllers for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8205C Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8205C Datasheet HTML 1Page - Richtek Technology Corporation RT8205C Datasheet HTML 2Page - Richtek Technology Corporation RT8205C Datasheet HTML 3Page - Richtek Technology Corporation RT8205C Datasheet HTML 4Page - Richtek Technology Corporation RT8205C Datasheet HTML 5Page - Richtek Technology Corporation RT8205C Datasheet HTML 6Page - Richtek Technology Corporation RT8205C Datasheet HTML 7Page - Richtek Technology Corporation RT8205C Datasheet HTML 8Page - Richtek Technology Corporation RT8205C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
RT8205A/B/C
3
DS8205A/B/C-06 July 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
5V
RT8205B
PHASE1
LGATE1
BOOT1
UGATE1
VOUT1
VOUT1
VIN
VREG5
VREG3
PGOOD
PGND
16
15
19
22
20
21
24
23
17
8
PHASE2
LGATE2
BOOT2
UGATE2
VOUT2
VOUT2
Q2
L2
C7
C17
3.3V
R9
C12
VIN
10uF
10uF
0.1uF
R10
C14
10
11
9
12
7
BSC119
N03S
Q4
BSC119
N03S
0
R8 0
C13
4.7uH
220uF
Q1
L1
C2
C3
R4
10uF
0.1uF
R5
C4
BSC119
N03S
Q3
BSC119
N03S
0
R3 0
C1
6.8uH
220uF
R7
3.9
C10
0.1uF
5V Always On
3.3V Always On
ENTRIP1
ENTRIP2
1
6
R1
150k
R2
150k
C9
4.7uF
R6
100k
PGOOD Indicator
C16
4.7uF
CP
C5
0.1uF
C7
0.1uF
D1
D2
D3
D4
C6
0.1uF
C8
0.1uF
REF
3
C15
0.22uF
TONSEL
SKIPSEL
4
14
Frequency Control
EN
ON
OFF
13
LG1_CP
18
BAT254
FB2
FB1 2
5
Exposed Pad (25)
GND
PWM/DEM/Ultrasonic
RT8205C
PHASE1
LGATE1
BOOT1
UGATE1
VOUT1
VOUT1
VIN
VREG5
VREG3
PGOOD
PGND
16
15
19
22
20
21
24
23
17
8
PHASE2
LGATE2
BOOT2
UGATE2
VOUT2
VOUT2
Q2
L2
C11
C17
3.3V
R10
C12
VIN
10uF
10uF
0.1uF
R11
C14
10
11
9
12
7
BSC119
N03S
Q4
BSC119
N03S
0
R9 0
C13
4.7uH
220uF
Q1
L1
C2
C3
R4
10uF
0.1uF
R5
C4
BSC119
N03S
Q3
BSC119
N03S
0
R3 0
C1
6.8uH
220uF
R8
3.9
C10
0.1uF
5V Always On
3.3V Always On
ENTRIP1
ENTRIP2
1
6
R1
150k
R2
150k
C9
4.7uF
R6
100k
PGOOD Indicator
C16
4.7uF
CP
C5
0.1uF
C7
0.1uF
D1
D2
D3
D4
C6
0.1uF
C8
0.1uF
REF
3
C15
0.22uF
BAT254
SECFB
18
R6
200k
FB2
FB1
2
5
EN
ON
OFF
13
TONSEL
SKIPSEL
4
14
Frequency Control
Exposed Pad (25)
GND
PWM/DEM/Ultrasonic
R7
39k
C18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com