Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMP441ACEZ-RL Datasheet(PDF) 9 Page - Analog Devices

Part # ADMP441ACEZ-RL
Description  Omnidirectional Microphone with Bottom Port and I2S Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP441ACEZ-RL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADMP441ACEZ-RL Datasheet HTML 5Page - Analog Devices ADMP441ACEZ-RL Datasheet HTML 6Page - Analog Devices ADMP441ACEZ-RL Datasheet HTML 7Page - Analog Devices ADMP441ACEZ-RL Datasheet HTML 8Page - Analog Devices ADMP441ACEZ-RL Datasheet HTML 9Page - Analog Devices ADMP441ACEZ-RL Datasheet HTML 10Page - Analog Devices ADMP441ACEZ-RL Datasheet HTML 11Page - Analog Devices ADMP441ACEZ-RL Datasheet HTML 12Page - Analog Devices ADMP441ACEZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADMP441
Rev. B | Page 9 of 16
SYSTEM MASTER
(DSP, MICROCONTROLLER,
CODEC)
CHIPEN
SCK
WS
L/R
SD
VDD
LEFT
ADMP441
GND GND GND
0.1µF
FROM VOLTAGE
REGULATOR
(1.8V TO 3.3V)
CHIPEN
SCK
WS
L/R
SD
VDD
RIGHT
ADMP441
GND GND GND
0.1µF
100kΩ
VDD
VDD
Figure 9. System Block Diagram
MSB
LSB
LEFT CHANNEL
MSB
LSB
RIGHT CHANNEL
HIGH-Z
HIGH-Z
HIGH-Z
1
2
3
4
24
25
26
32
33
34
35
36
56
57
58
64
WS
SCK (64 ×
fS)
SD (24-BIT)
Figure 10. Stereo Output I²S Format
MSB
LSB
LEFT CHANNEL
HIGH-Z
HIGH-Z
1
2
3
4
24
25
26
32
33
34
35
36
56
57
58
64
WS
SCK (64 ×
fS)
SD (24-BIT)
Figure 11. Mono Output I²S Format Left Channel (L/R = 0)
MSB
LSB
RIGHT CHANNEL
HIGH-Z
HIGH-Z
1
2
3
4
24
25
26
32
33
34
35
36
56
57
58
64
WS
SCK (64 ×
fS)
SD (24-BIT)
Figure 12. Mono Output I²S Format Right Channel (L/R = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com