Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMP441ACEZ-RL7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADMP441ACEZ-RL7
Description  Omnidirectional Microphone with Bottom Port and I2S Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP441ACEZ-RL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMP441ACEZ-RL7 Datasheet HTML 7Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 8Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 9Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 10Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 11Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 12Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 13Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 14Page - Analog Devices ADMP441ACEZ-RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADMP441
Rev. B | Page 11 of 16
APPLICATIONS INFORMATION
POWER SUPPLY DECOUPLING
For best performance and to avoid potential parasitic artifacts,
placing a 0.1 µF ceramic type X7R or better capacitor between
Pin 7 (VDD) and ground is strongly recommended. The
capacitor should be placed as close to Pin 7 as possible.
The connections to each side of the capacitor should be as short
as possible, and the trace should stay on a single layer with no
vias. For maximum effectiveness, locate the capacitor equidistant
from the power and ground pins or, when equidistant placement
is not possible, slightly closer to the power pin. Thermal connec-
tions to the ground planes should be made on the far side of the
capacitor, as shown in Figure 14.
VDD
GND
TO GND
TO VDD
CAPACITOR
Figure 14. Recommended Power Supply Bypass Capacitor Layout
HANDLING INSTRUCTIONS
Pick-and-Place Equipment
The MEMS microphone can be handled using standard pick-
and-place and chip shooting equipment. Care should be taken
to avoid damage to the MEMS microphone structure as follows:
•
Use a standard pickup tool to handle the microphone.
Because the microphone hole is on the bottom of the
package, the pickup tool can make contact with any part
of the lid surface.
•
Do not pick up the microphone with a vacuum tool that
makes contact with the bottom side of the microphone.
Do not pull air out of or blow air into the microphone port.
•
Do not use excessive force to place the microphone on
the PCB.
Reflow Solder
For best results, the soldering profile should be in accordance
with the recommendations of the manufacturer of the solder
paste used to attach the MEMS microphone to the PCB. It is
recommended that the solder reflow profile does not exceed the
limit conditions specified in Figure 4 and Table 5.
Board Wash
When washing the PCB, ensure that water does not make
contact with the microphone port. Blow-off procedures and
ultrasonic cleaning must not be used.
SUPPORTING DOCUMENTATION
Evaluation Board User Guide
UG-303, EVAL-ADMP441Z-FLEX: Bottom-Port I2S Output
MEMS Microphone Evaluation Board
UG-362,
EVAL-ADMP441Z SDP Daughter Board for the
ADMP441 I2S MEMS Microphone
Circuit Note
CN-0208, High Performance Digital MEMS Microphone's Simple
Interface to SigmaDSP Audio Processor with I2S Output
CN-0266, High Performance Digital MEMS Microphone
Standard Digital Audio Interface to Blackfin DSP
Application Notes
AN-1003 Application Note, Recommendations for Mounting and
Connecting Analog Devices, Inc., Bottom-Ported MEMS
Microphones
AN-1068 Application Note, Reflow Soldering of the MEMS
Microphone
AN-1112 Application Note, Microphone Specifications and
Terms Explained
AN-1124 Application Note, Recommendations for Sealing
Analog Devices, Inc., Bottom-Port MEMS Microphones from
Dust and Liquid Ingress
AN-1140 Application Note, Microphone Array Beamfoaming
For additional information, visit www.analog.com/mic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com