Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9002C Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9002C
Description  Dual Low Dropout Regulator with Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9002C Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9002C Datasheet HTML 1Page - Richtek Technology Corporation RT9002C Datasheet HTML 2Page - Richtek Technology Corporation RT9002C Datasheet HTML 3Page - Richtek Technology Corporation RT9002C Datasheet HTML 4Page - Richtek Technology Corporation RT9002C Datasheet HTML 5Page - Richtek Technology Corporation RT9002C Datasheet HTML 6Page - Richtek Technology Corporation RT9002C Datasheet HTML 7Page - Richtek Technology Corporation RT9002C Datasheet HTML 8Page - Richtek Technology Corporation RT9002C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT9002A/B/C
1
DS9002ABC-04 April 2011
www.richtek.com
Features
Low Quiescent Current (Typically 70
μμμμμA)
Wide Operating Voltage Ranges : 2.5V to 5.5V
Ultra-Fast Transient Response
Tight Load and Line Regulation
Current Limiting Protection
Thermal Shutdown Protection
Only Low ESR Ceramic Capacitors Required for
Stability
Custom LDO VOUT1, VOUT2 Voltage Available from
1.5V to 3.3V
Custom VIN Detector Available from 3.5V to 4V
RoHS Compliant and 100% Lead (Pb)-Free
Pin Configurations
Applications
CD/DVD-ROM, CD/RW
Wireless LAN Card/Keyboard/Mouse
Battery-Powered Equipment
XDSL Router
Dual Low Dropout Regulator with Detector
Ordering Information
General Description
The RT9002A/B/C is a dual-channel, low noise, and low
dropout regulator. The first regulator is capable of sourcing
240mA, while the second regulator can source up to
500mA and includes a voltage detection function. The
RT9002A/B/C performance is optimized for CD/DVD-ROM,
CD/RW or wireless communication supply applications.
The RT9002A/B/C regulator is stable with output capacitors
as low as 1
μF. The other features include high output
accuracy, ultra-fast transient response, tight load and line
regulation, current limiting/thermal protection and high
ripple rejection ratio. The RT9002A/B/C is available in
SOP-8 package requiring minimum board space and
smallest components.
Typical Application Circuit
(TOP VIEW)
SOP-8
VIN1
VOUT1
Cd
VIN2
VOUT2
VDOUT
GND
EN1
2
3
4
5
8
7
6
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
VIN1
GND
VOUT1
RT9002A/B/C
COUT1
1uF
1uF
VDOUT
EN1
CIN1
Cd
V
IN1
V
OUT1
1uF
CIN2
V
IN2
COUT2
1uF
V
OUT2
VIN2
VOUT2
Cd
Chip Enable
1
8
45
6
3
2
7
V
IN2
VDOUT
100k
R1
RT9002A/B/C
Package Type
S : SOP-8
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
-
Output Voltage : VOUT1/VOUT2
A : 2.5V/3.3V
B : 1.5V/2.8V
C : 2.5V/3.3V


Similar Part No. - RT9002C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9002C-GS RICHTEK-RT9002C-GS Datasheet
200Kb / 11P
Dual Low-Dropout Regulator with Detector
RT9002C-PS RICHTEK-RT9002C-PS Datasheet
200Kb / 11P
Dual Low-Dropout Regulator with Detector
More results

Similar Description - RT9002C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG29125 MICROSEMI-SG29125 Datasheet
41Kb / 4P
LOW DROPOUT DUAL REGULATOR
logo
List of Unclassifed Man...
AIC1729 ETC1-AIC1729 Datasheet
482Kb / 8P
400mA Low Dropout Linear Regulator with Voltage Detector Function
logo
Richtek Technology Corp...
RT9002A RICHTEK-RT9002A Datasheet
200Kb / 11P
Dual Low-Dropout Regulator with Detector
logo
Toshiba Semiconductor
TAR8D01K TOSHIBA-TAR8D01K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8D03K TOSHIBA-TAR8D03K Datasheet
169Kb / 8P
Dual Low-Dropout Regulator
TAR8D06K TOSHIBA-TAR8D06K Datasheet
162Kb / 7P
Dual Low-Dropout Regulator
TAR8D08K TOSHIBA-TAR8D08K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8H03K TOSHIBA-TAR8H03K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8H05K TOSHIBA-TAR8H05K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
logo
ON Semiconductor
CS8135 ONSEMI-CS8135 Datasheet
88Kb / 8P
Low Dropout Dual Regulator
December, 2001 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com