Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9730 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9730
Description  Charging System Safety Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9730 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9730 Datasheet HTML 1Page - Richtek Technology Corporation RT9730 Datasheet HTML 2Page - Richtek Technology Corporation RT9730 Datasheet HTML 3Page - Richtek Technology Corporation RT9730 Datasheet HTML 4Page - Richtek Technology Corporation RT9730 Datasheet HTML 5Page - Richtek Technology Corporation RT9730 Datasheet HTML 6Page - Richtek Technology Corporation RT9730 Datasheet HTML 7Page - Richtek Technology Corporation RT9730 Datasheet HTML 8Page - Richtek Technology Corporation RT9730 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RT9730
1
DS9730-01 April 2011
www.richtek.com
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Charging System Safety Device
General Description
The RT9730 is an integrated circuit (IC) designed to replace
passive device in charging system with extra protection
function. It is optimized to protect low voltage system
from up to 28V high voltage input. The IC monitors the
input voltage to make sure all parameters are operating in
normal range. It also monitors its own temperature and
turns off the MOSFET when the chip temperature exceeds
140
°C. When the input voltage exceeds the threshold,
the IC turns off the power MOSFET within 1
μs to remove
the power before any damage occurs. User can monitor
the adapter input voltage from the CHRIN pin, which has
50mA current capability. The gate of the P-MOSFET will
be controlled by the external charging controller from
GATDRV pin if all parameters are operating in normal
range.
The RT9730 is available in a WDFN-8L 2x2 tiny package
to achieve best solution for PCB space and total BOM
cost saving considerations.
Features
No External Blocking Diode Requiring
Over Voltage Turn Off Time of Less Than 1
μμμμμs
High Accuracy Protection Thresholds
Over Temperature Protection
High Immunity of False Triggering Under Transients
Thermal Enhanced 8-Lead WDFN Package
RoHS Compliant and Halogen Free
Applications
Cellular Phones
Digital Cameras
PDAs and Smart Phones
Portable Instruments
Pin Configurations
(TOP VIEW)
WDFN-8L 2x2
ACIN
ACIN
OUT
OUT
CHRIN
GND
NC
7
6
5
1
2
3
4
8
9
GATDRV
Typical Application Circuit
RT9730
ACIN
GND
CHRIN
OUT
GATDRV
1µF
0.2
SOC
CHRIN
GATEDRV
OUT
VBAT
Battery
COUT
1µF
VIN
CIN
1µF
JF=W
Marking Information
JF= : Product Code
W : Date Code
RT9730
Package Type
QW : WDFN-8L 2x2 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9730

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9736A RICHTEK-RT9736A Datasheet
248Kb / 16P
Dual Channel, Low Resistance Load Switch
RT9736AGQW RICHTEK-RT9736AGQW Datasheet
248Kb / 16P
Dual Channel, Low Resistance Load Switch
RT9737 RICHTEK-RT9737 Datasheet
491Kb / 7P
5V Capable Low-Voltage DPDT Analog Switch
RT9737WSC RICHTEK-RT9737WSC Datasheet
491Kb / 7P
5V Capable Low-Voltage DPDT Analog Switch
More results

Similar Description - RT9730

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
Charging System Safety Circuit
November 14, 2006
ISL9212B INTERSIL-ISL9212B Datasheet
534Kb / 11P
Charging System Safety Circuit
March 21, 2007
ISL9209B INTERSIL-ISL9209B Datasheet
599Kb / 11P
Charging System Safety Circuit
March 21, 2007
ISL9209C INTERSIL-ISL9209C Datasheet
611Kb / 11P
Charging System Safety Circuit
January 16, 2009
ISL9211A INTERSIL-ISL9211A Datasheet
202Kb / 12P
Charging System Safety Circuit
August 25, 2010
logo
Richtek Technology Corp...
RT9719 RICHTEK-RT9719 Datasheet
186Kb / 10P
Charging System Safety Device
logo
Intersil Corporation
ISL9209BIRZ INTERSIL-ISL9209BIRZ Datasheet
602Kb / 11P
Charging System Safety Circuit
March 21, 2007
ISL9211BIRU58XZ-T INTERSIL-ISL9211BIRU58XZ-T Datasheet
380Kb / 12P
Charging System Safety Circuit
November 4, 2014
logo
Renesas Technology Corp
ISL9211A RENESAS-ISL9211A Datasheet
624Kb / 13P
Charging System Safety Circuit
ISL9212B RENESAS-ISL9212B Datasheet
877Kb / 11P
Charging System Safety Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com