Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9054 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9054
Description  Portable Power Management 300mA Dual LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9054 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9054 Datasheet HTML 1Page - Richtek Technology Corporation RT9054 Datasheet HTML 2Page - Richtek Technology Corporation RT9054 Datasheet HTML 3Page - Richtek Technology Corporation RT9054 Datasheet HTML 4Page - Richtek Technology Corporation RT9054 Datasheet HTML 5Page - Richtek Technology Corporation RT9054 Datasheet HTML 6Page - Richtek Technology Corporation RT9054 Datasheet HTML 7Page - Richtek Technology Corporation RT9054 Datasheet HTML 8Page - Richtek Technology Corporation RT9054 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
DS9054-03 February 2012
www.richtek.com
RT9054
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VIN
Supply Input.
2
EN1
Chip Enable1.
3
EN2
Chip Enable2.
4, 7
(Exposed Pad)
GND
Common Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
5
VOUT2
Channel 2 Output Voltage.
6
VOUT1
Channel 1 Output Voltage.
Typical Application Circuit
Pin Configurations
RT9054
GND
VIN
VIN
1µF
CIN
VOUT2
VOUT2
COUT2
EN1
EN2
Chip Enable
VOUT1
VOUT1
4.7µF/X7R
COUT1
4.7µF/X7R
VIN
EN2
VOUT1
GND
VOUT2
EN1
1
2
3
5
4
6
GND
7
(TOP VIEW)
WDFN-6L 1.6x1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com