Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9136 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9136
Description  Rail-to-Rail Quad Unity-Gain Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9136 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9136 Datasheet HTML 3Page - Richtek Technology Corporation RT9136 Datasheet HTML 4Page - Richtek Technology Corporation RT9136 Datasheet HTML 5Page - Richtek Technology Corporation RT9136 Datasheet HTML 6Page - Richtek Technology Corporation RT9136 Datasheet HTML 7Page - Richtek Technology Corporation RT9136 Datasheet HTML 8Page - Richtek Technology Corporation RT9136 Datasheet HTML 9Page - Richtek Technology Corporation RT9136 Datasheet HTML 10Page - Richtek Technology Corporation RT9136 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
RT9136
9
DS9136-03 June 2011
www.richtek.com
Figure 2. V-com Test Circuit
Applications Information
The RT9136 packaged in quad operational amplifiers has
high performance to drive large load for different application.
High slew rates, rail-to-rail input and output capability and
low power consumption are the features to make the
RT9136 ideal for LCD applications. The RT9136 also has
wide bandwidth and phase margin to drive a load of 10k
Ω
and 10pF.
Operating Voltage
The RT9136 is specified with a single nominal supply
voltage from 5V to 15V or a split supply with its total
range from 5V to 15V. Correct operation is guaranteed for
a supply range of 4.5V to 16.5V.
RT9136 specifications are stable over both the full supply
range and operating temperatures of
−40°C to 85°C .
Parameter variations with operating voltage and/or
temperature are shown in the typical performance curves.
The output swing of the RT9136 typically extends to within
80mV of positive/negative supply rails with 5mA load
current source/sink. Decreasing the load current will get
output swing even closer to the supply rails. Figure 1
shows the rail-to-rail input and output waveforms in the
unit gain configuration without load current. The supply
rails are
±5V. Applying an input 10Vp_p sinusoidal
waveform results in a 9.8Vp_p output voltage as shown in
Figure 1.
Short Circuit Condition
An internal short-circuit protection circuit is implemented
to protect the device from output short circuit. The RT9136
limits the short circuit current to
±120mA if the output is
directly shorted to positive/negative supply rails. For
reliability, the continuous output current more than
±35mA
is not recommended.
Unused Amplifier
If the amplifier is unused. It is recommended to connect
the positive input to ground and keep the output pin as
open.
Figure 1. Operation with Rail-to-Rail Input and Output
LCD Panel Applications
The RT9136 is mainly designed for LCD gamma and
V-com buffer. OP Amplifier-C has 120mA instantaneous
source/sink peak current. To test the performance of the
RT9136 for LCD driving capability, the test circuit is to
simulate the V-com driver as shown Figure 2. Series
capacitors and resistors connected to the output of the
OP simulate the load of LCD panel. The 300
Ω and 3kΩ
feedback resistors are used to improve the settling time.
This circuit is the worst case for a V-com buffer. Figure 3
shows the waveforms of the output peak current capability.
Time (250
μs/Div)
+
-
3k
300
VIN 0V to 8V
10
10
10
10
10
8V
4V
Output Current
Test Point
Square Wave
10nF
10nF
10nF
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com