Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9368 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9368
Description  4-Channel Charge Pump White LED Driver with Low Dropout Current Source
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9368 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9368 Datasheet HTML 1Page - Richtek Technology Corporation RT9368 Datasheet HTML 2Page - Richtek Technology Corporation RT9368 Datasheet HTML 3Page - Richtek Technology Corporation RT9368 Datasheet HTML 4Page - Richtek Technology Corporation RT9368 Datasheet HTML 5Page - Richtek Technology Corporation RT9368 Datasheet HTML 6Page - Richtek Technology Corporation RT9368 Datasheet HTML 7Page - Richtek Technology Corporation RT9368 Datasheet HTML 8Page - Richtek Technology Corporation RT9368 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT9368
1
DS9368-07 April 2011
www.richtek.com
Ordering Information
General Description
The RT9368 is a high efficiency and cost effective charge
pump white LED driver. It supports up to 4 white LEDs
with regulated constant current for uniform intensity. The
RT9368 maintains the highest efficiency by utilizing a x1/
x1.5/x2 charge pump and low dropout current regulators.
User can easily configure each LED current from 1.25mA
to 20mA by a PWM dimming control. The dimming of
white LEDs current can be achieved by applying a PWM
signal to the EN pin.
RT9368 is available in a WQFN 3x3-16L package.
Features
Very High Efficiency Over 80% of Battery Life
Support up to 4 White LEDs
Support up to 80mA Output Current
1% Typical LED Current Matching
Soft Start Function
Auto Charge Pump Mode Selection
250kHz Fixed Frequency Oscillator
Output Over Voltage Protection
PWM Dimming Control
Low Input Noise and EMI
RoHS Compliant and 100% Lead (Pb)-Free
4-Channel Charge Pump White LED Driver with Low
Dropout Current Source
Applications
Mobile Phone, DSC, MP3
White LED Backlighting
LCD Display Supply
Pin Configurations
(TOP VIEW)
WQFN-16L 3x3
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
LED4
EN
12
11
10
9
13
14
15
16
1
2
3
4
8
7
6
5
C1P
GND
NC
C2P
GND
ISET
17
RT9368
Package Type
QW : WQFN-16L 3x3 (W-Type)
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9368

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9368A RICHTEK-RT9368A Datasheet
217Kb / 12P
4-Channel Charge Pump White LED Driver with Low Dropout Current Source
More results

Similar Description - RT9368

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9363 RICHTEK-RT9363 Datasheet
192Kb / 12P
Smallest 60mA 3-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9368A RICHTEK-RT9368A Datasheet
217Kb / 12P
4-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9373A RICHTEK-RT9373A Datasheet
274Kb / 11P
3-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
Advanced Power Electron...
APE1601 A-POWER-APE1601 Datasheet
498Kb / 13P
White LED Driver (120mA Charge Pump with Current Source)
logo
SG Micro Corp
SGM3142 SGMICRO-SGM3142_18 Datasheet
1Mb / 14P
6-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3127 SGMICRO-SGM3127_18 Datasheet
1Mb / 11P
White LED Driver with Low Dropout Current Source
SGM3131 SGMICRO-SGM3131_16 Datasheet
2Mb / 13P
120mA 4-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3133 SGMICRO-SGM3133_16 Datasheet
2Mb / 12P
4-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3138 SGMICRO-SGM3138_16 Datasheet
2Mb / 11P
6-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3146 SGMICRO-SGM3146_16 Datasheet
2Mb / 12P
8-Channel Charge Pump White LED Driver with Low Dropout Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com