Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9396 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9396
Description  I2C Interface PMIC with 6-Channel WLED Driver and 4-LDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9396 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9396 Datasheet HTML 1Page - Richtek Technology Corporation RT9396 Datasheet HTML 2Page - Richtek Technology Corporation RT9396 Datasheet HTML 3Page - Richtek Technology Corporation RT9396 Datasheet HTML 4Page - Richtek Technology Corporation RT9396 Datasheet HTML 5Page - Richtek Technology Corporation RT9396 Datasheet HTML 6Page - Richtek Technology Corporation RT9396 Datasheet HTML 7Page - Richtek Technology Corporation RT9396 Datasheet HTML 8Page - Richtek Technology Corporation RT9396 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
RT9396
2
DS9396-01 April 2011
www.richtek.com
Typical Application Circuit
Timing Diagram
Marking Information
JP= : Product Code
YMDNN : Date Code
JP=YM
DNN
Figure 1. Timing Diagram
C2N
LED4
COUT
VIN
C1P C1N C2P
RT9396
EN
VOUT
LED3
LED2
LED1
CFLY2
1µF
CFLY1
1µF
CIN1
2.2µF
15
4
7
24
3
2
5
23
22
21
20
1µF
19
LED5
LED6 18
VBAT
WLED
CL1
LDO1 12
1µF
CL2
LDO2 11
1µF
AGND
6
CL3
LDO3 10
1µF
CL4
LDO4 9
1µF
Chip Enable
SCL
17
SDA
16
I
2C
PWM
14
PWM
LDOIN
CIN2
2.2µF
8
13
CF
1µF
CF
PGND
1
Time (s)
TSHD = 16ms
0
Main ILED[1:6]
00000000
01111101
Fade in/out time = 8ms/step, ILED[1~6] = 62/64 x 25mA
Main BL
Current Level
Internal
PWMEN Reg.
I
2C
Reg. Addr.
PWM Pin
010
LED<1:6>
On/Off
PWM Dimming
THi > 0.5µs
0.5µs < TLO < 500µs
PWM control Backlight
00000000
I
2C
Reg. Data
01011111
6CH PWM Mode
Note:
PWM signal rise after
internal PWMEN is
enabled
ILED[1~6] Current =
62/64 x 25mA x PWM Duty
Fade in
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com