Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9505 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9505
Description  Linear Single Cell Li-Ion Battery Charger IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9505 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9505 Datasheet HTML 1Page - Richtek Technology Corporation RT9505 Datasheet HTML 2Page - Richtek Technology Corporation RT9505 Datasheet HTML 3Page - Richtek Technology Corporation RT9505 Datasheet HTML 4Page - Richtek Technology Corporation RT9505 Datasheet HTML 5Page - Richtek Technology Corporation RT9505 Datasheet HTML 6Page - Richtek Technology Corporation RT9505 Datasheet HTML 7Page - Richtek Technology Corporation RT9505 Datasheet HTML 8Page - Richtek Technology Corporation RT9505 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RT9505
3
DS9505-02 April 2011
www.richtek.com
Function Block Diagram
OVP
+
-
2.5V
Charge Input Control
Precharge
+
-
2.5V
Recharge
+
-
2.5V
+
-
Thermal
Sense
V/I
0.25V
2.5V
2.5V
V/I
+
-
Precharge
VREF
2.5V
0.25V
0.5V
+
-
Charge Done
0.25V
Logic
Temperature
Sense
Temperature Fault
+
-
Charge
Disable
0.9V
1uA
OVP
Comparator
Precharge
Comparator
Recharge
Comparator
ACIN
GND
ISETA
TS
BATT
ACIN
PFET
SENSE
FET
Voltage
Amplifier
Current
Amplifier
Tcrmination
Comparator
VCC
115 C
CHG_S
PGOOD
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com