Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9525 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9525
Description  Linear Single Cell Li-Ion Battery Charger with Auto Power Path
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9525 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9525 Datasheet HTML 1Page - Richtek Technology Corporation RT9525 Datasheet HTML 2Page - Richtek Technology Corporation RT9525 Datasheet HTML 3Page - Richtek Technology Corporation RT9525 Datasheet HTML 4Page - Richtek Technology Corporation RT9525 Datasheet HTML 5Page - Richtek Technology Corporation RT9525 Datasheet HTML 6Page - Richtek Technology Corporation RT9525 Datasheet HTML 7Page - Richtek Technology Corporation RT9525 Datasheet HTML 8Page - Richtek Technology Corporation RT9525 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT9525
2
DS9525-01 May 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
TS
Thermistor Monitor Input. The TS pin connects to a battery’s thermistor to
determine if the battery is too hot or too cold to charge. If the battery’s temperature
is out of range, charging is paused until it re-enters the valid range. TS also detect
whether the battery (with NTC) is present or not
2, 3
BAT
Battery Connect Pin.
4
EN
Charge Enable, Active-low input. 200k
Ω pull low.
5
EN2
6
EN1
Input Current Limit Configuration Setting.
7
PGOOD
Power Good Status Output. Active-low, open-drain output.
8,
17 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
9
CHG
Charger Status Output. Active-low, open-drain output.
10, 11
SYS
System Connect Pin. Connect this pin to system load with a minimum 10uF MLCC
to GND.
12
NC
No Internal Connection.
13
VIN
Supply Voltage Input.
14
TIMER
Safe Charge Timer Setting.
15
SYSOFF
System Disconnect Pin. Pull SYSOFF high to disconnect SYS from battery,
connect to GND for normal operation. Internally pulled up by 1
μA current source to
BAT.
16
ISETA
Charge Current Set Input. Connect a resistor (RISETA) between ISET and GND.
Typical Application Circuit
VIN
GND
RT9525
SYS
16
8, 17 (Exposed Pad)
2, 3
13
10, 11
BAT
ISETA
CBAT
+
CIN
Adapter or USB
4
SYSOFF
15
RISETA
2.2µF
1µF
1
TS
CSYS
10µF
EN
Chip Enable
Disconnect
Connect
EN1
EN2
6
5
7
9
CHG
TIMER
14
CTIMER
1µF
PGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com