Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9526AGE Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9526AGE
Description  Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9526AGE Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9526AGE Datasheet HTML 1Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 2Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 3Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 4Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 5Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 6Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 7Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 8Page - Richtek Technology Corporation RT9526AGE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RT9526A
5
DS9526A-01 April 2011
www.richtek.com
Typical Operating Characteristics
BATT Sleep Leakage Current vs. Battery Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
1.5
2
2.5
3
3.5
4
4.5
Battery Voltage (V)
VOUT Regulation Voltage vs. Input Voltage
4.1580
4.1748
4.1916
4.2084
4.2252
4.2420
4.5
5
5.5
6
6.5
7
Input Voltage (V)
Pre-Charge Current vs. Input Voltage
75
79
83
87
91
95
44.5
55.566.5
7
Input Voltage (V)
VBATT = 3.8V, RISET = 24.3k
Ω
Charge Current vs. Input Voltage
450
460
470
480
490
500
510
520
530
540
550
4
4.5
5
5.5
6
6.5
7
Input Voltage (V)
VBATT = 3.8V, RISET = 24.3k
Ω
ISET Voltage vs. Input Voltage
1.20
1.21
1.22
1.23
1.24
1.25
4
4.5
5
5.5
6
6.5
7
Input Voltage (V)
VBATT = 3.8V, RISET = 24.3k
Ω
OVP
Time (500
μs/Div)
VBATT
(2V/Div)
VIN = 0V to 12V, VBATT = 3.8V, RISET = 24.3k
Ω
VIN
(10V/Div)
VCHG_SB
(2V/Div)
ICHG
(500mA/Div)
ENB : Low



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com