Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9996 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9996
Description  Power Management IC for SSD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9996 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9996 Datasheet HTML 1Page - Richtek Technology Corporation RT9996 Datasheet HTML 2Page - Richtek Technology Corporation RT9996 Datasheet HTML 3Page - Richtek Technology Corporation RT9996 Datasheet HTML 4Page - Richtek Technology Corporation RT9996 Datasheet HTML 5Page - Richtek Technology Corporation RT9996 Datasheet HTML 6Page - Richtek Technology Corporation RT9996 Datasheet HTML 7Page - Richtek Technology Corporation RT9996 Datasheet HTML 8Page - Richtek Technology Corporation RT9996 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT9996
2
DS9996-01 April 2011
www.richtek.com
Function Block Diagram
Typical Application Circuit
Buck
Converter 1
LX1
VIN
Buck
Converter 2
LX2
VIN
FB1
FB2
RESET
0.7V
GND
VDET
EN1
EN2
+
-
RT9996
LX1
VOUT1
1.2V/1A
16, 17
R1
R2
L1
2.2µH
10µF
30k
64.9k
C2
FB1
13
VIN
VIN
6, 15, 20, 21, 26
C1
GND
12, 18, 19, 22, 23,
33 (Exposed Pad)
LX2
VOUT2
1.8V/1A
24, 25
R3
R4
L2
2.2µH
10µF
80k
64.9k
C3
FB2
28
5V
VDET
11
RESET
10
VDD
3.3V
43k
R7
R8
R9
EN1
14
EN2
27
Chip Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com